Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0550/2 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP0550/2
Description  5mm low profile 90° rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP0550/2 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP0550/2 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
20
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
PL UGGABLES
SCREWLES S
S TANDARD
5mm lo w pr ofile 90° rising clamp
t erminal blocks
Pr oduct o v ervie w
• 2 and 3 pole double interlocking mechanism
for increased strength
• 4-12 pole solid block and end stackable
• Moulded in green UL94-V0 flame retardant PA
• Professional rising clamp terminals
• 0.32-1.6mm2 (26-14AWG) cable
• Guided pin alignment
• Captive screw
•
C
US ,
approved
SPECIFICATION
Rating
UL=12A/300V
Impulse withstand
voltage
1.6kV/1min
Working temperature
-40 to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tinned, nickel plated brass
Rising clamp
Tinned, nickel plated brass
Screw/torque
M2.5 steel zinc plated, 0.4Nm
Recommended PCB
hole size
ø1.3mm
KEY FEATURES
L o w pr ofile | Double int erlock mechanism | Pr of es sional rising clamp
CTBP0550
PART NO.
POLES
LENG TH
CTBP0550/2
2
10mm
CTBP0550/3
3
15mm
CTBP0550/4
4
20mm
CTBP0550/5
5
25mm
CTBP0550/6
6
30mm
CTBP0550/7
7
35mm
CTBP0550/8
8
40mm
CTBP0550/9
9
45mm
CTBP0550/10
10
50mm
CTBP0550/11
11
55mm
CTBP0550/12
12
60mm
PCB layout
5.00
2.50 5.00(xx-1)
3.50±0.3
Section: A-A
A
0.60
5.00xx
A
0.90
5.00(xx-1)
2.50 5.00


Similar Part No. - CTBP0550/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0558 CAMDENBOSS-CTBP0558 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
CTBP0558/10 CAMDENBOSS-CTBP0558/10 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
CTBP0558/11 CAMDENBOSS-CTBP0558/11 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
CTBP0558/12 CAMDENBOSS-CTBP0558/12 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
CTBP0558/2 CAMDENBOSS-CTBP0558/2 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
More results

Similar Description - CTBP0550/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP01HL CAMDENBOSS-CTBP01HL Datasheet
378Kb / 1P
7.62mm standard profile 90° rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP0750 CAMDENBOSS-CTBP0750 Datasheet
393Kb / 1P
5mm high power 90° rising clamp terminal blocks
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBPTDVG CAMDENBOSS-CTBPTDVG Datasheet
391Kb / 1P
5mm triple decker rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com