Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0708 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP0708
Description  5 .08mm pitch high power rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP0708 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP0708 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
35
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
S TANDARD
PCB TERMINAL
BLOCKS
0 02
5. 08mm pit ch high po w er rising
clamp t erminal blocks
Pr oduct o v ervie w
• 2 and 3 pole double interlocking mechanism
for increased strength
• Professional rising clamp terminals
• High profile
• Moulded in green UL94-V0 flame retardant
PA66
• Cable acceptance - 0.4-2mm2 (26-12AWG)
• 20A 300V
• Guided pin alignment
• C
US ,
approved
SPECIFICATION
Rating
UL=20A/300V,
VDE=20A/250V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M3 steel, zinc plated 0.5Nm
Recommended PCB
hole size
ø1.6mm
CTBP0708
PART NO.
POLES
LENG TH
CTBP0708/2
2
10.16mm
CTBP0708/3
3
15.24mm
CTBP0708/4
4
20.32mm
CTBP0708/5
5
25.4mm
CTBP0708/6
6
30.48mm
CTBP0708/7
7
35.56mm
CTBP0708/8
8
40.64mm
CTBP0708/9
9
45.72mm
CTBP0708/10
10
50.8mm
CTBP0708/11
11
55.88mm
CTBP0708/12
12
60.96mm
KEY FEATURES
High po w er ed 20A | Double int erlock mechanism | Pr of es sional rising clamp
4.3
0.8
5.08


Similar Part No. - CTBP0708

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0700 CAMDENBOSS-CTBP0700 Datasheet
364Kb / 1P
5mm high power vertical rising clamp terminal blocks
CTBP0700/10 CAMDENBOSS-CTBP0700/10 Datasheet
364Kb / 1P
5mm high power vertical rising clamp terminal blocks
CTBP0700/11 CAMDENBOSS-CTBP0700/11 Datasheet
364Kb / 1P
5mm high power vertical rising clamp terminal blocks
CTBP0700/12 CAMDENBOSS-CTBP0700/12 Datasheet
364Kb / 1P
5mm high power vertical rising clamp terminal blocks
CTBP0700/2 CAMDENBOSS-CTBP0700/2 Datasheet
364Kb / 1P
5mm high power vertical rising clamp terminal blocks
More results

Similar Description - CTBP0708

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92VJ CAMDENBOSS-CTBP92VJ Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP0108 CAMDENBOSS-CTBP0108 Datasheet
388Kb / 1P
5 .08mm pitch standard profile rising clamp terminal blocks
CTBP0158 CAMDENBOSS-CTBP0158 Datasheet
388Kb / 1P
5 .08mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0508 CAMDENBOSS-CTBP0508 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0758 CAMDENBOSS-CTBP0758 Datasheet
394Kb / 1P
5 .08mm pitch high power 90° rising clamp terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP9208 CAMDENBOSS-CTBP9208 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9308 CAMDENBOSS-CTBP9308 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9358 CAMDENBOSS-CTBP9358 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBPDDVJ CAMDENBOSS-CTBPDDVJ Datasheet
403Kb / 1P
5 .08mm double decker rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com