Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0700/4 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP0700/4
Description  5mm high power vertical rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP0700/4 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP0700/4 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
28
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
PL UGGABLES
SCREWLES S
S TANDARD
5mm high po w er v ertical rising
clamp t erminal blocks
Pr oduct o v ervie w
• 2 and 3 pole double interlocking mechanism
for increased strength
• 4-12 pole solid block
• Moulded in green UL94-V0 flame retardant
PA66
• Professional rising clamp terminals
• Cable acceptance - 0.13-3.31mm2 (26-12AWG)
• Guided pin alignment
• Captive screw
•
C
US ,
approved
SPECIFICATION
Rating
UL=20A/300V, VDE=24A/250V
Impulse withstand
voltage
2kV/1min
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tinned, nickel plated brass
Rising clamp
Tinned, nickel plated brass
Screw/torque
M3 steel zinc plated, 0.5Nm
Recommended PCB
hole size
ø1.5mm
KEY FEATURES
High po w er | Double int erlock mechanism | Pr of es sional rising clamp
CTBP0700
PART NO.
POLES
LENG TH
CTBP0700/2
2
10mm
CTBP0700/3
3
15mm
CTBP0700/4
4
20mm
CTBP0700/5
5
25mm
CTBP0700/6
6
30mm
CTBP0700/7
7
35mm
CTBP0700/8
8
40mm
CTBP0700/9
9
45mm
CTBP0700/10
10
50mm
CTBP0700/11
11
55mm
CTBP0700/12
12
60mm
Ø1.50
5.00
5.00(xx-1)
3.10
PCB layout
Section: A-A
5.20
0.80
0.60
5.0xx
0.60
A
1.00
A
5.00
5.00(xx-1)
3.10


Similar Part No. - CTBP0700/4

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0708 CAMDENBOSS-CTBP0708 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
CTBP0708/10 CAMDENBOSS-CTBP0708/10 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
CTBP0708/11 CAMDENBOSS-CTBP0708/11 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
CTBP0708/12 CAMDENBOSS-CTBP0708/12 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
CTBP0708/2 CAMDENBOSS-CTBP0708/2 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
More results

Similar Description - CTBP0700/4

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB6-2 DUBILIER-DBCTB6-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
logo
CamdenBoss Ltd.
CTBP07VK CAMDENBOSS-CTBP07VK Datasheet
368Kb / 1P
7.5mm high power vertical rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
5mm low profile 90° rising clamp terminal blocks
CTBP0750 CAMDENBOSS-CTBP0750 Datasheet
393Kb / 1P
5mm high power 90° rising clamp terminal blocks
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP9200 CAMDENBOSS-CTBP9200 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBPTDVG CAMDENBOSS-CTBPTDVG Datasheet
391Kb / 1P
5mm triple decker rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com