Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP3000 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP3000
Description  5mm pitch 45˚ rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP3000 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP3000 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
26
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
PL UGGABLES
SCREWLES S
S TANDARD
5mm pit ch 45˚ rising clamp
t erminal blocks
Pr oduct o v ervie w
• 2 and 3 pole interlocking
• Professional rising clamp terminals
• Low profile 45° mounting
• Moulded in green UL94-V0 flame retardant
PA66
• Cable acceptance VDE - 0.6-2.5mm2 (22-
10AWG
• Cable acceptance UL - 0.6-1.6mm2 (22-
14AWG)
• Guided pin alignment
• C
US ,
approved
SPECIFICATION
Rating
UL=15A/300V, VDE=24A/300V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M2.5 steel, zinc plated 0.4Nm
Recommended PCB
hole size
ø1.5mm
CTBP3000
PART NO.
POLES
LENG TH
CTBP3000/2
2
10mm
CTBP3000/3
3
15mm
CTBP3000/4
4
20mm
CTBP3000/5
5
25mm
CTBP3000/6
6
30mm
CTBP3000/7
7
35mm
CTBP3000/8
8
40mm
CTBP3000/9
9
45mm
CTBP3000/10
10
50mm
CTBP3000/11
11
55mm
CTBP3000/12
12
60mm
KEY FEATURES
45 Degr ee cable entry | Int erlock mechanism | Pr of es sional rising clamp
0.65
6
0.8


Similar Part No. - CTBP3000

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP3008/10 CAMDENBOSS-CTBP3008/10 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP3008/11 CAMDENBOSS-CTBP3008/11 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP3008/12 CAMDENBOSS-CTBP3008/12 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP3008/2 CAMDENBOSS-CTBP3008/2 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
More results

Similar Description - CTBP3000

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB6-2 DUBILIER-DBCTB6-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
DBCTB63-2 DUBILIER-DBCTB63-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
logo
CamdenBoss Ltd.
CTB7000 CAMDENBOSS-CTB7000 Datasheet
416Kb / 1P
5mm pitch 36 pole rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP9200 CAMDENBOSS-CTBP9200 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBPTDVG CAMDENBOSS-CTBPTDVG Datasheet
391Kb / 1P
5mm triple decker rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com