Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP5000 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP5000
Description  5mm pitch low profile screw terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP5000 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP5000 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
17
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
S TANDARD
PCB TERMINAL
BLOCKS
0 02
5mm pit ch lo w pr ofile scr e w
t erminal blocks
Pr oduct o v ervie w
• 2 and 3 pole interlocking
• Wire protector terminals
• Low profile
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance - 0.6-1.6mm2 (22-
14AWG)
• Guided pin alignment
• Test probe facility
• Anti solder wicking terminal
• C
US ,
approved
SPECIFICATION
Rating
UL=16A/250V, VDE=24A/250V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Wire protector
Phosphor bronze, nickel plated
Screw/torque
M2.5 steel, zinc plated 0.4Nm
Recommended PCB
hole size
ø1.2mm
KEY FEATURES
W ir e pr ot ect or t erminals | Int erlock mechanism | Flame r etar dant PA66
CTBP5000
PART NO.
POLES
LENG TH
CTBP5000/2
2
10mm
CTBP5000/3
3
15mm
CTBP5000/4
4
20mm
CTBP5000/5
5
25mm
CTBP5000/6
6
30mm
CTBP5000/7
7
35mm
CTBP5000/8
8
40mm
CTBP5000/9
9
45mm
CTBP5000/10
10
50mm
CTBP5000/11
11
55mm
CTBP5000/12
12
60mm
0.5
0.5
7.5
5
4
1


Similar Part No. - CTBP5000

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
CTBP5050/10 CAMDENBOSS-CTBP5050/10 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
CTBP5050/11 CAMDENBOSS-CTBP5050/11 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
CTBP5050/12 CAMDENBOSS-CTBP5050/12 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
CTBP5050/2 CAMDENBOSS-CTBP5050/2 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
More results

Similar Description - CTBP5000

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB4-2 DUBILIER-DBCTB4-2 Datasheet
107Kb / 1P
TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
DBCTB10-2 DUBILIER-DBCTB10-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
DBCTB12-2 DUBILIER-DBCTB12-2 Datasheet
131Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB14-2 DUBILIER-DBCTB14-2 Datasheet
131Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB43-2 DUBILIER-DBCTB43-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
logo
CamdenBoss Ltd.
CTBP55VK CAMDENBOSS-CTBP55VK Datasheet
418Kb / 1P
7.5mm pitch commercial low profile screw terminal blocks
CTBP90HG CAMDENBOSS-CTBP90HG Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP90VG CAMDENBOSS-CTBP90VG Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP1050 CAMDENBOSS-CTBP1050 Datasheet
415Kb / 1P
5mm pitch standard profile 90˚ screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com