Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBPDDVJ/2 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBPDDVJ/2
Description  5 .08mm double decker rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBPDDVJ/2 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBPDDVJ/2 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
39
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
S TANDARD
PCB TERMINAL
BLOCKS
0 02
5. 08mm double deck er rising clamp
t erminal blocks
SPECIFICATION
Rating
UL=15A/300V
VDE=18A/250V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M2.5 steel, zinc plated
Recommended PCB
hole size
ø1.5mm
PART NO.
POLES
LENG TH
CTBPDDVJ/2
4
12.7mm
CTBPDDVJ/3
6
17.78mm
CTBPDDVJ/4
8
22.86mm
CTBPDDVJ/5
10
27.94mm
CTBPDDVJ/6
12
33.02mm
CTBPDDVJ/7
14
38.1mm
CTBPDDVJ/8
16
43.18mm
CTBPDDVJ/9
18
48.26mm
CTBPDDVJ/10
20
53.34mm
CTBPDDVJ/11
22
58.42mm
CTBPDDVJ/12
24
63.5mm
Pr oduct o v ervie w
• 4(2x2) and 6(3x3) pole double
interlocking systems for increased
strength
• Double decker
• Professional rising clamp terminals
• Moulded in green UL94-V0 flame
retardant PA66
• 2.5mm2 - IEC
• 30-14 AWG - UL
• Captive screws
• Guided pin alignment
• Complies to EN60947-7-4
CTBPDDVJ
KEY FEATURES
Captiv e scr e w s | Double int erlock mechanism | Pr of es sional rising clamp
5.08
5.08XX
0.90
0.80
15.24
1.60
Vers 2.3


Similar Part No. - CTBPDDVJ/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBPD96HG CAMDENBOSS-CTBPD96HG Datasheet
471Kb / 1P
5mm DIN rail mounte d i nve r ted/ reve r s e terminal blocks
CTBPD96HG/10 CAMDENBOSS-CTBPD96HG/10 Datasheet
471Kb / 1P
5mm DIN rail mounte d i nve r ted/ reve r s e terminal blocks
CTBPD96HG/10FL CAMDENBOSS-CTBPD96HG/10FL Datasheet
471Kb / 1P
5mm DIN rail mounte d i nve r ted/ reve r s e terminal blocks
CTBPD96HG/11 CAMDENBOSS-CTBPD96HG/11 Datasheet
471Kb / 1P
5mm DIN rail mounte d i nve r ted/ reve r s e terminal blocks
CTBPD96HG/11FL CAMDENBOSS-CTBPD96HG/11FL Datasheet
471Kb / 1P
5mm DIN rail mounte d i nve r ted/ reve r s e terminal blocks
More results

Similar Description - CTBPDDVJ/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92VJ CAMDENBOSS-CTBP92VJ Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP0108 CAMDENBOSS-CTBP0108 Datasheet
388Kb / 1P
5 .08mm pitch standard profile rising clamp terminal blocks
CTBP0508 CAMDENBOSS-CTBP0508 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0708 CAMDENBOSS-CTBP0708 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
CTBP0758 CAMDENBOSS-CTBP0758 Datasheet
394Kb / 1P
5 .08mm pitch high power 90° rising clamp terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP9208 CAMDENBOSS-CTBP9208 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9308 CAMDENBOSS-CTBP9308 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9358 CAMDENBOSS-CTBP9358 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBPTDVG CAMDENBOSS-CTBPTDVG Datasheet
391Kb / 1P
5mm triple decker rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com