Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA3 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # MA3
Description  Max. load 16,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA3 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  MA3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MA3 Ordering Key
MA3
Version: 20231020-K
Type
N = Normal
Voltage
1 = 12V DC
2 = 24V DC
3 = 36V DC
4 = 48V DC
6 = 12V DC, thermal switch
5 = 24V DC, thermal switch
Load & Speed
See page 2
Stroke (mm)
Retracted Length
(mm)
See page 2
See page 5
Front Attachment
(mm)
See page 6-7
1 = #45 Steel, slotless, hole 10.2
2 = #45 Steel, slotless, hole 12.8
3 = #45 Steel, U clevis, slot 8.2, depth 15.0, hole 10.2
4 = #45 Steel, U clevis, slot 8.2, depth 15.0, hole 12.8
5 = Stainless Steel, slotless, hole 10.2
6 = Stainless Steel, slotless, hole 12.8
7 = Stainless Steel, U clevis, slot 8.2, depth 15.0, hole 10.2
8 = Stainless Steel, U clevis, slot 8.2, depth 15.0, hole 12.8
9 = #45 Steel, slotless, hole 16.2
K = Rod end bearing, hole 12.8
1 = Two micro switches cut off the actuator at EOS
3 = Two micro switches send signal at EOS (signal type:
normally closed)
D = Two micro switches send signal at EOS (only for TID1)
Direction of
Rear Attachment
(Counterclockwise)
See page 7
1 = 0°
2 = 45°
3 = 90°
4 = 135°
Rear Attachment
(mm)
See page 6
1 = #45 Steel, slotless, hole 10.2
2 = #45 Steel, slotless, hole 12.8
3 = #45 Steel, U clevis, slot 8.2, depth 15.0, hole 10.2
4 = #45 Steel, U clevis, slot 8.2, depth 15.0, hole 12.8
5 = Stainless Steel, slotless, hole 10.2
6 = Stainless Steel, slotless, hole 12.8
7 = Stainless Steel, U clevis, slot 8.2, depth 15.0, hole 10.2
8 = Stainless Steel, U clevis, slot 8.2, depth 15.0, hole 12.8
9 = #45 Steel, slotless, hole 16.2
Adjustable Reed
Switch
Output Signal
0 = Without
1 = Reed switch*1, tinned
leads
2 = Reed switch*2, tinned
leads
0 = Without
1 = Mechanical Pot.
N = NPN Hall sensor*2
P = PNP Hall sensor*2
IP Rating
1 = Without
6 = IP66M
7 = IP67
8 = IP68
9 = IP69K
Cable Exit
A1 / P1 Cable Length
(mm)
A1 / P1 Connector (mm)
See page 7
01 = Tinned leads, unsheathed wire 50, stripped wire 10
0500 = 500
1000 = 1000
1500 = 1500
2000 = 2000
1 = Single cable
P2 Cable Length (mm)
P3 Cable Length (mm)
P2 Connector
P3 Connector
00 = Without
00 = Without
0000 = Without
0000 = Without
N = Normal
0 = Sample packaging
C = Standard package, US fumigated pallet (1219*1016)
1 = Standard package, EU fumigated pallet (1200*800)
2 = Standard package, EU fumigated pallet (1500*800)
E = Standard package, US plywood pallet (1219*1016)
5 = Standard package, EU plywood pallet (1200*800)
6 = Standard package, EU plywood pallet (1500*800)
Alternative
Packaging (mm2)
Function of Limit
Switches
See page 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com