Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA3 Datasheet(PDF) 8 Page - TiMOTION Technology Co. Ltd.

Part # MA3
Description  Max. load 16,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA3 Datasheet(HTML) 8 Page - TiMOTION Technology Co. Ltd.

  MA3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.
MA3 Ordering Key Appendix
DC, Normal
Port
Function of
Limit Switches
Wire Color
Wire Gauge
(AWG)
Position Feedback
0. Without
1. Mechanical Pot.
N. NPN Hall*2
P. PNP Hall*2
P1
Two Micro
Switches Cut off
The Actuator at
EOS
●
RD
14
EXT+
EXT+
EXT+
EXT+
●
BK
14
RET+
RET+
RET+
RET+
●
RD
20
-
V-out
Vcc
Vcc
●
●
WH
20
-
V-in
S1
S1
●
BU
20
-
-
S2
S2
●
BK
20
-
GND
GND
GND
●
BN
20
-
-
-
-
●
OG
20
-
-
-
-
●
VT
20
-
-
-
-
P1
Two Micro
Switches Send
Signal at EOS
●
RD
14
EXT+
EXT+
EXT+
EXT+
●
BK
14
RET+
RET+
RET+
RET+
●
RD
20
COM
COM
Vcc
Vcc
●
●
WH
20
EOS-extended
EOS-extended
S1
S1
●
BU
20
EOS-retracted
EOS-retracted
S2
S2
●
BK
20
-
GND
GND
GND
●
BN
20
-
V-in
EOS-extended
EOS-extended
●
OG
20
V-out
EOS-retracted
EOS-retracted
●
VT
20
-
-
COM
COM
Wire Definition
P1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com