Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA3 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # MA3
Description  Max. load 16,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA3 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  MA3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MA3
series
Product Segments
• Industrial Motion
General Features
Max. load
16,000N (push/pull)
Max. speed at max. load
8.9mm/s
Max. speed at no load
172.5mm/s
Retracted length
≥ Stroke + 200mm
IP rating
IP69K
Certificate
UL73, EMC
Stroke
25~1000mm
Output signals
Mechanical Pot., adjustable Reed switch,
NPN Hall sensors, PNP Hall sensors
Voltage
12/24/36/48V DC; 12/24V DC (thermal
switch)
Operational temperature range
-40°C~+85°C
Operational temperature range
+5°C~+45°C
at full performance
Manual drive
TiMOTION's MA3 was specifically designed for heavy-duty applications and
harsh working environments that require durability. Examples of applications
suitable for the MA3: Agricultural equipment such as spreaders, harvesters,
grain handlers, combines, and tractors. Commercial and industrial applications
such as commercial lawn mowers, scrubbers and sweepers, and material
handling equipment.


Similar Part No. - MA3

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
MA3 CARLOGAVAZZI-MA3 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
logo
Panasonic Semiconductor
MA30 PANASONIC-MA30 Datasheet
23Kb / 2P
Silicon epitaxial planer type variable resistor
logo
Lumins Inc.
MA30 LUMINIS-MA30 Datasheet
293Kb / 3P
Cast aluminum LED heat sink
logo
Panasonic Semiconductor
MA30-A PANASONIC-MA30-A Datasheet
23Kb / 2P
Silicon epitaxial planer type variable resistor
MA30-B PANASONIC-MA30-B Datasheet
23Kb / 2P
Silicon epitaxial planer type variable resistor
More results

Similar Description - MA3

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA42 TIMOTION-TA42 Datasheet
565Kb / 6P
Max. load 1,500N (push/pull)
20220313-F
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com