Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C150AHT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P82C150AHT
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AHT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P82C150AHT Datasheet HTML 6Page - NXP Semiconductors P82C150AHT Datasheet HTML 7Page - NXP Semiconductors P82C150AHT Datasheet HTML 8Page - NXP Semiconductors P82C150AHT Datasheet HTML 9Page - NXP Semiconductors P82C150AHT Datasheet HTML 10Page - NXP Semiconductors P82C150AHT Datasheet HTML 11Page - NXP Semiconductors P82C150AHT Datasheet HTML 12Page - NXP Semiconductors P82C150AHT Datasheet HTML 13Page - NXP Semiconductors P82C150AHT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1996 Jun 19
10
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
7.2.1
DATA INPUT REGISTER (ADDRESS 0)
This read only register contains the states of port pins
P15 to P0 which are transmitted on request, or
automatically by change of one of the input levels,
provided that the respective input is configured to event
capture mode (see Table 3). When an edge is detected
the port state is loaded into the transmit buffer after the
Control Field of the triggered message is sent. Therefore a
delay for input settling is provided. If between edge
detection and transmission of the data input register
another input signal change at the input port occurs, the
corresponding data input register bit is overwritten by the
current input port value. Additionally the register content is
sent automatically after wake-up or bus mode change,
once the bit time has been calibrated (part of the ‘sign-on’
message).
7.2.2
POSITIVE EDGE REGISTER (ADDRESS 1)
This write only register contains configuration information
per port pin for the event capture facility.
The corresponding PE-bit (see Table 3) has to be set to
logic 1 to enable capturing of the rising edge.
7.2.3
NEGATIVE EDGE REGISTER (ADDRESS 2)
This write only register contains configuration information
per port pin for the event capture facility.
The corresponding NE-bit (see Table 3) has to be set to
logic 1 to enable capturing of the falling edge.
The combination of PE and NE functions is possible.
7.2.4
DATA OUTPUT REGISTER (ADDRESS 3)
This write only register contains the output data for the port
pins. The output drivers are bitwise enabled by OE
(see Section 7.2.5). New data for the output port register
are processed and written to the output ports directly after
the corresponding CAN message to the P82C150 is
successfully checked and becomes valid.
7.2.5
OUTPUT ENABLE REGISTER (ADDRESS 4)
This write only register controls the output drivers of the
port pins. The corresponding Output Enable Register bit
has to be set to logic 1 to enable an output driver. If set to
logic 0, the corresponding output driver is disabled
(floating; see Fig.7).
Table 3
Programming of the I/O registers to event capture on edge or to digital output
X = don’ t care; n=0to15.
FUNCTION
REGISTER CONTENTS OF PARTICULAR PORT PIN
POSITIVE EDGE
(BITS PEn)
NEGATIVE EDGE
(BITS NEn)
OUTPUT ENABLE
(BITS OEn)
Digital output
X
X
1
Digital input
Polling
X
X
X
Event capture on edge
Rising
1
0
X
Falling
0
1
X
Rising and Falling
1
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com