Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C150AHT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P82C150AHT
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AHT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P82C150AHT Datasheet HTML 10Page - NXP Semiconductors P82C150AHT Datasheet HTML 11Page - NXP Semiconductors P82C150AHT Datasheet HTML 12Page - NXP Semiconductors P82C150AHT Datasheet HTML 13Page - NXP Semiconductors P82C150AHT Datasheet HTML 14Page - NXP Semiconductors P82C150AHT Datasheet HTML 15Page - NXP Semiconductors P82C150AHT Datasheet HTML 16Page - NXP Semiconductors P82C150AHT Datasheet HTML 17Page - NXP Semiconductors P82C150AHT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
1996 Jun 19
14
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
7.3
CAN functions
The P82C150 meets the CAN protocol specification
version 2.0 A and B (passive) with restricted bit timing
because of the on-chip RC-oscillator and the automatic bit
rate detection.
In a system with P82C150 nodes there must be at least
one conventional crystal-driven CAN controller (host node)
which is compatible to the CAN specification V1.2 or later
to control P82C150 nodes. Host nodes compatible to CAN
specification V1.1 can also be used provided that the
P82C150 nodes are powered by a high-accuracy power
supply or they are in external oscillator mode (refer to
Section 11.3).
Each time a P82C150 node receives a Data Frame, it
initiates the transmission of a Data Frame containing four
bits status information, the register address (previously
received) and the current contents of the addressed
register (exception: see Section 7.3.3.1). This enables the
host node to verify that the addressed register has
correctly been written in case of writeable registers, and to
read the contents in case of readable registers.
7.3.1
CAN IDENTIFIER
Data and Remote Frames to be processed by the
P82C150 are of Standard Format with 11 Identifier bits
ID.10 to ID.0. Frames with extended Identifier (CAN
specification version 2.0 B) are ignored.
The way of identifier programming is based on two facts:
• Each P82C150 operates with only two Identifiers
distinguished by the LSB (see Tables 5, 6 and 7).
The identifier with the higher priority is used for Data
Frame reception. An extra Identifier is used for
calibration purposes.
• There can be maximum sixteen P82C150 circuits in one
network.
Table 5
Message types and format
Note
1. DLC = Data Length Code; DIR = LSB of Identifier (see Section 7.3.1).
Table 6
Standard Format Identifier bits ID.10 to ID.0
1 = recessive; 0 = dominant
Table 7
Description of the Standard Format Identifier bits
FRAME
TRANSMISSION BY 82C150
RECEPTION AT 82C150
Data Frame
yes (DLC = 3; DIR = 1)
yes (DLC = 3; DIR = 0; calibration message
with DLC = 2 to 8 allowed, see Section 7.3.10)
Remote Frame
no
yes (DLC = 3; DIR = 1)
Error Frame
yes
yes
Overload Frame
yes (only as a response)
yes
IDENTIFIER
ID.10
ID.9
ID.8
ID.7
ID.6
ID.5
ID.4
ID.3
ID.2
ID.1
ID.0
0
1
P3
1
0
P2
P1
P0
1
0
DIR
RTR
BIT
SYMBOL
DESCRIPTION
ID.8
P3
Programmable identifier bits read from Port pins P3 to P0 during reset. The input levels
on P3 to P0, for example set by resistors to VSS or to VDD, are latched in the Identifier
latch with the falling edge of the RST input signal. They represent the variable part of
the Identifier, while the remaining bits are fixed (mask-programmed), P3 to P0 can be
used as I/O ports after reset.
ID.5 to ID.3
P2 to P0
ID.0
DIR
DIR = 1 for transmission of Data Frames to the host. It must be set to a logic 1 in
Remote Frames and to a logic 0 in Data Frames received from the host.
RTR
Remote Transmission Request bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com