Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C150AHT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P82C150AHT
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AHT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P82C150AHT Datasheet HTML 11Page - NXP Semiconductors P82C150AHT Datasheet HTML 12Page - NXP Semiconductors P82C150AHT Datasheet HTML 13Page - NXP Semiconductors P82C150AHT Datasheet HTML 14Page - NXP Semiconductors P82C150AHT Datasheet HTML 15Page - NXP Semiconductors P82C150AHT Datasheet HTML 16Page - NXP Semiconductors P82C150AHT Datasheet HTML 17Page - NXP Semiconductors P82C150AHT Datasheet HTML 18Page - NXP Semiconductors P82C150AHT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
1996 Jun 19
15
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
7.3.2
TRANSMISSION OF DATA FRAMES
Data Frames transmitted by the P82C150 contain three
data bytes (see Fig.7). The first data byte contains the
status information and the register address A3 to A0 (see
Tables 8 and 9), the other two data bytes contain the
content of the addressed I/O Register.
After each successful message transmission, the
P82C150 delays the transmission of a possibly further
pending message for three bit times. The reason is to give
other CAN controllers - with a lower identifier priority - the
possibility to transmit a message in case of faulty contact
at one of the edge-triggered port pins.
7.3.3
RECEPTION OF DATA FRAMES AND REMOTE
FRAMES
Received Data Frames have the same format as
transmitted ones, only the DIR-bit (ID.0) in the Arbitration
Field is different. The status bits RSTD, EW, BM1 and BM0
are ignored during reception.
The P82C150 confirms each reception of a Data Frame by
transmitting a Data Frame containing the (new) contents of
the addressed I/O Register.
7.3.3.1
Exceptions to the rule
1. Analog Configuration Register: If a P82C150 receives
a Data Frame addressing the Analog Configuration
Register and the ADC bit is set to logic 1, it will
respond with two messages. The first message returns
the contents of the Analog Configuration Register. The
control instructions are executed (e.g. next analog
input channel selected), and an analog-to-digital
conversion cycle is started after a set-up time. After
finishing the analog-to-digital conversion cycle, the
second message is transmitted containing the result
(ADC Register).
2. ADC Register: On receiving a Data Frame addressing
the ADC Register, the P82C150 starts an
analog-to-digital conversion cycle. It automatically
returns the result of the conversion (ADC Register) by
transmitting a respective Data Frame after finishing
the analog-to-digital conversion cycle.
3. At normal operation, the calibration messages are
confirmed by returning a dominant bit in the
acknowledge slot. There is no particular confirmation
message returned by the P82C150. Only after
entering the calibrated state (start-up), a Data Frame
(‘sign-on’ message) containing the Data Input Register
contents is transmitted indicating to the host node, that
the P82C150 is now ready for transmission.
7.3.3.2
Remote Frame
Received Remote Frames must have the Data Length
Code DLC = 3 (Remote Frames with DLC
≠ 3 are ignored).
It is answered by a Data Frame containing the contents of
the Data Input Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com