Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP2 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TIP2
Description  Input voltage 90~305V AC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TIP2 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TIP2 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TIP2 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TIP2 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TIP2 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TiMOTION TIP series-TIP2 is a 320W AC to DC power supply with a constant
output voltage design. The TIP2 can work under the input voltage between 90
to 305V AC and provides the 30V DC output voltage.
Its conversion efficiency rate is up to 94%. Therefore, it will not generate too
much heat and can work in ventilated conditions. With a fanless design, TIP2
can also reduce noise. Its operational temperature is around -40˚C to +85˚C.
TIP1 has a metal appearance and provides IP67 protection suitable for either
outdoor or indoor applications.
Product Segments
• Industrial Motion
TIP2
series
General Features
Transformer type
SMPS
Input voltage
90~305V AC
Max. output
54V DC, 5.95A
Plug support
EU, USA, AUS, UK, JPN
IP rating
IP67
Certificate
UL, RRA, TUV, PSE, CCC, CB, EMC,
CE and UK Declaration
Operational temperature range
+5°C~+45°C


Similar Part No. - TIP2

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
logo
New Jersey Semi-Conduct...
TIP246D NJSEMI-TIP246D Datasheet
51Kb / 1P
Sensitive Gate Triacs
logo
List of Unclassifed Man...
TIP250 ETC2-TIP250 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
logo
TEWS Technologies GmbH
TIP250 TEWS-TIP250 Datasheet
267Kb / 2P
8 Mbytes Flash Memory
2017-09-27
logo
List of Unclassifed Man...
TIP250-10 ETC2-TIP250-10 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
More results

Similar Description - TIP2

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0045951 LINKCOM-PLCCE0045951 Datasheet
180Kb / 2P
AC Input 90-305Vac
PLCVE0060125 LINKCOM-PLCVE0060125 Datasheet
214Kb / 2P
AC Input 90-305Vac
PLKBPCE030C112 LINKCOM-PLKBPCE030C112 Datasheet
129Kb / 2P
AC Input 90-264Vac
PLKBPCE030C142 LINKCOM-PLKBPCE030C142 Datasheet
100Kb / 2P
AC Input 90-264Vac
logo
List of Unclassifed Man...
TC-700PL ETC2-TC-700PL Datasheet
177Kb / 4P
AC Input Voltage: 90~264V
TC-800PL ETC2-TC-800PL Datasheet
178Kb / 4P
AC Input Voltage: 90~264V
TC-900PL ETC2-TC-900PL Datasheet
187Kb / 4P
AC Input Voltage: 90~264V
TC-1000PL ETC2-TC-1000PL Datasheet
187Kb / 4P
AC Input Voltage: 90~264V
logo
TiMOTION Technology Co....
TIP1 TIMOTION-TIP1 Datasheet
228Kb / 4P
120W AC to DC power supply with a constant output voltage design
20220322-B
TIP3 TIMOTION-TIP3 Datasheet
283Kb / 4P
Input voltage 90~305V AC
20220322-B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com