Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP4 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TIP4
Description  Max. output 54V DC, 11.2A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TIP4 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TIP4 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TIP4 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TIP4 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TIP4 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Red
Black
Red
Black
Green / Yellow
Brown
Blue
Brown
Black
Yellow
AC
P2
P1
on/off switch
TIP4 Ordering Key Appendix
Cable output
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com