Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP4 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TIP4 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TIP4
Download  TIP4 Download
File Size   277.18 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 54V DC, 11.2A

TIP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP4 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TIP4
Download  TIP4 Click to download

File Size   277.18 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 54V DC, 11.2A

TIP4 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TIP4 Product details

General Features
Transformer type SMPS
Input voltage 90~305V AC
Max. output 54V DC, 11.2A
Plug support EU, USA, AUS, UK, JPN
IP rating IP67
Certificate UL, SAA, ErP, PSE, CCC, ENEC, CB,
CB (IEC60950), EMC, CE and UK
Declaration
Operational temperature range +5°C~+45°C




Similar Part No. - TIP4

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TIP40 SECOS-TIP40 Datasheet
639Kb / 2P
NPN Plastic-Encapsulate Transistor
TIP40-TIP41C SECOS-TIP40-TIP41C_15 Datasheet
634Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
Mospec Semiconductor
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP41 POINN-TIP41 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
TIP41 WINGS-TIP41 Datasheet
25Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
More results


Similar Description - TIP4

ManufacturerPart #DatasheetDescription
logo
Skeleton Technologies. ...
54V277F SKELETON-54V277F Datasheet
422Kb / 3P
54V DC nominal voltage
2022
logo
TiMOTION Technology Co....
TC10 TIMOTION-TC10 Datasheet
337Kb / 3P
Max. output 29V DC, 12A
General Features
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com