Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP4 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TIP4
Description  Max. output 54V DC, 11.2A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TIP4 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TIP4 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TIP4 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TIP4 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TIP4 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TiMOTION TIP series-TIP4 is a 600W AC to DC power supply with a constant
output voltage design. The TIP4 can work under the input voltage between 90
to 305V AC and provides the 30V DC output voltage.
Its conversion efficiency rate is up to 96%. Therefore, it will not generate too
much heat and can work in ventilated conditions. With a fanless design, TIP4
can also reduce noise. Its operational temperature is around -40˚C to +85˚C.
TIP4 has a metal appearance and provides IP67 protection suitable for either
outdoor or indoor applications.
General Features
Transformer type
SMPS
Input voltage
90~305V AC
Max. output
54V DC, 11.2A
Plug support
EU, USA, AUS, UK, JPN
IP rating
IP67
Certificate
UL, SAA, ErP, PSE, CCC, ENEC, CB,
CB (IEC60950), EMC, CE and UK
Declaration
Operational temperature range
+5°C~+45°C
Product Segments
• Industrial Motion
TIP4
series


Similar Part No. - TIP4

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TIP40 SECOS-TIP40 Datasheet
639Kb / 2P
NPN Plastic-Encapsulate Transistor
TIP40-TIP41C SECOS-TIP40-TIP41C_15 Datasheet
634Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
Mospec Semiconductor
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP41 POINN-TIP41 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
TIP41 WINGS-TIP41 Datasheet
25Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
More results

Similar Description - TIP4

ManufacturerPart #DatasheetDescription
logo
Skeleton Technologies. ...
54V277F SKELETON-54V277F Datasheet
422Kb / 3P
54V DC nominal voltage
2022
logo
TiMOTION Technology Co....
TC10 TIMOTION-TC10 Datasheet
337Kb / 3P
Max. output 29V DC, 12A
General Features
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com