Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TC10 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TC10
Download  TC10 Download
File Size   337.87 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 29V DC, 12A

TC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC10 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TC10
Download  TC10 Click to download

File Size   337.87 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 29V DC, 12A

TC10 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TC10 Product details

General Features
Number of motors 1~5
Number of controls 1~2
Max. output 29V DC, 12A
IP rating IP66
Options built-in battery and alarm buzzer
Input Voltage 100, 120, 230V AC, or 100~240V AC
(SMPS)
Built-in transformer type EI, Toroidal, SMPS
Certificate IEC60601-1, ES60601-1, IEC60601-1-2
Plug support EU, USA, AUS, UK, or JPN
Color Black or grey
Built-in power saving module




Similar Part No. - TC10

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
TC10 LAB WAVELENGTH-TC10 LAB Datasheet
2Mb / 5P
Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
June, 2025
TC10 LAB WAVELENGTH-TC10 LAB Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
logo
Allied Components Inter...
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
Toroidal Chokes
logo
ABB
TC100 ABB-TC100 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
Allied Components Inter...
TC100-100M-RC ALLIED-TC100-100M-RC Datasheet
377Kb / 1P
Toroidal Chokes
More results


Similar Description - TC10

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
Output to 12A 280 Vac DC Control
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TIP4 TIMOTION-TIP4 Datasheet
277Kb / 4P
Max. output 54V DC, 11.2A
20220322-B
TP6 TIMOTION-TP6 Datasheet
250Kb / 3P
Max. output 31.5V DC, 12A
20210527-C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com