Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TP6 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TP6
Download  TP6 Download
File Size   250.23 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 31.5V DC, 12A

TP6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP6 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TP6
Download  TP6 Click to download

File Size   250.23 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 31.5V DC, 12A

TP6 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TP6 Product details

General Features
Transformer type SMPS
Input voltage 100~240V AC
Max. output 31.5V DC, 12A
Plug support EU, USA, AUS, UK, JPN
Color Black or grey
Certificate ES60601-1, IEC60601-1




Similar Part No. - TP6

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
3PEAK INC.
TP6001 3PEAK-TP6001 Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
TP6001-CR 3PEAK-TP6001-CR Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
TP6001-TR 3PEAK-TP6001-TR Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
TP6001R 3PEAK-TP6001R Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
More results


Similar Description - TP6

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
Output to 12A 280 Vac DC Control
logo
TiMOTION Technology Co....
TC10 TIMOTION-TC10 Datasheet
337Kb / 3P
Max. output 29V DC, 12A
General Features
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TIP4 TIMOTION-TIP4 Datasheet
277Kb / 4P
Max. output 54V DC, 11.2A
20220322-B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com