Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP5 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TIP5
Description  Input voltage 115 or 230V AC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TIP5 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TIP5 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TIP5 Ordering Key
TIP5
Version: 20221027-B
Voltage
1 = 115V AC, 50 / 60Hz
2 = 230V AC, 50 / 60Hz
1 = 24V DC, 10A
2 = 24V DC, 15A
1 = 1000
2 = 2000
3 = 3000
4 = 4000
0 = Without cable
1 = 1000
2 = 2000
3 = 3000
4 = 4000
0 = Without cable
1 = 1000
2 = 2000
3 = 3000
4 = 4000
0 = Without cable
1 = 1000
2 = 2000
3 = 3000
4 = 4000
2 = Tinned leads
3 = EU
4 = US
5 = AU
6 = UK
7 = JP
Version
T = Standard
IP Rating
Mounting Bracket
Color
3 = IP66
8 = IP69K
0 = without
1 = with
1 = Standard (The cover is black, while the mounting bracket is RAL9022 silver)
Transformer
AC Cable Length (mm)
P1 Cable Length (mm)
P2 Cable Length (mm)
Controller Port Cable
Length (mm)
AC Plug
P1 (DC Output Port 1)
Connector
P2 (DC Output Port 2)
Connector
Controller Port Connector
0 = Cable gland with sealing plug (for connecting to the products with cable, such as an actuator)
2 = Standard, tinned leads (for connecting to the products without cable, such as a driver)
0 = Cable gland with sealing plug (Without P2 ouput or for connecting to the products with cable, such as an actuator)
2 = Standard, tinned leads (for connecting to the products without cable, such as a driver)
0 = Standard, waterproof plug without cable (Without controller or for connecting to the controller cable)
2 = Tinned leads (for connecting to the controller without cable)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com