Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP5 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TIP5
Description  Input voltage 115 or 230V AC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TIP5 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TIP5 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
TIP5 Ordering Key Appendix
Standard: AC plug or tinned lead, P1 / P2 tinned lead, controller port without cable
Port
Number
Connector
Wire Color
Wire Gauge
(AWG)
Definition
Function
AC
#2_Tinned lead
●●
GR/YE
18
Frame ground
AC input and ground
●
BN
18
Live
AC input and ground
●
BU
18
Neutral
AC input and ground
P1
#2_Tinned lead
●
RD
14
V DC+
DC power output port 1
●
BK
14
V DC-
DC power output port 1
P2
#2_Tinned lead
●
RD
14
V DC+
DC power output port 2
●
BK
14
V DC-
DC power output port 2
Controller #0_Without cable -
-
-
-
Wire Definition
Red
Black
Red
Black
Green / Yellow
Brown
Blue
AC
P2
Controller
P1
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com