Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP5 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TIP5
Description  Input voltage 115 or 230V AC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TIP5 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TIP5 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TIP5 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TiMOTION TIP series-TIP5 is a power supply for high voltage requirements in
industrial applications. Equipped with a linear transformer, the TIP5 is a cost-
effective yet robust power supply. Its maximum output can support up to 15A.
The TIP5 is compatible with TiMOTION’s industrial drivers (control boxes) or
actuators that require a high current. Its operational temperature ranges from
-25°C to +65°C. With a metal casing and a rating of up to IP69K, the TIP5 is
suitable for outdoor or indoor applications.
General Features
Transformer type
Linear
Input voltage
115 or 230V AC
Max. output
24V DC, 15A
Plug support
EU, USA, AUS, UK, JPN
IP rating
IP69K
Options
Mounting bracket
Operational temperature range
-25°C~+65°C
TIP5
series
Product Segments
• Industrial Motion


Similar Part No. - TIP5

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP50 POINN-TIP50 Datasheet
119Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP50 STMICROELECTRONICS-TIP50 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
More results

Similar Description - TIP5

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
Automatic 115/230 Input Voltage Selection
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
Recom International Pow...
RAC04-W RECOM-RAC04-W Datasheet
91Kb / 2P
Universal Input 80-264VAC or 115-370VDC
logo
WAGO Kontakttechnik Gmb...
859-357 WAGO-859-357 Datasheet
553Kb / 10P
Relay module; Nominal input voltage: 115 V AC/DC; 1 changeover contact;
286-507 WAGO-286-507 Datasheet
318Kb / 6P
Relay module; Nominal input voltage: 115 VAC
857-357 WAGO-857-357 Datasheet
588Kb / 12P
Relay module; Nominal input voltage: 115 V AC/DC
22.11.2021
857-707 WAGO-857-707 Datasheet
571Kb / 11P
Solid-state relay module; Nominal input voltage: 115 V AC/DC
22.11.2021
857-717 WAGO-857-717 Datasheet
550Kb / 11P
Solid-state relay module; Nominal input voltage: 115 V AC/DC
22.11.2021
857-727 WAGO-857-727 Datasheet
599Kb / 11P
Solid-state relay module; Nominal input voltage: 115 V AC/DC
22.11.2021
logo
Renesas Technology Corp
RV1S2285A RENESAS-RV1S2285A Datasheet
6Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C,AC INPUT RESPONSE
Nov 11,2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com