Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5234/FBA/YYY Datasheet(PDF) 5 Page - NXP Semiconductors

Part # OM5234/FBA/YYY
Description  CMOS single-chip 8-bit microcontrollers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5234/FBA/YYY Datasheet(HTML) 5 Page - NXP Semiconductors

  OM5234/FBA/YYY Datasheet HTML 1Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 2Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 3Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 4Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 5Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 6Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 7Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 8Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Preliminary specification
OM5234/OM5284
CMOS single-chip 8-bit microcontrollers
1996 Nov 01
5
DC ELECTRICAL CHARACTERISTICS
VSS = 0V, VDD = 5V ± 10%, Tamb = 0°C to +70°C
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VIL
Input low voltage, except EA, P1.6, P1.7
–0.5
0.2VDD–0.1
V
VIL1
Input low voltage to EA
–0.5
0.2VDD–0.3
V
VIL2
Input low voltage to P1.6, P1.7
–0.5
0.3VDD
V
VIH
Input high voltage, except XTAL1, RST, P1.6, P1.7
0.2VDD+0.9
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VDD
VDD+0.5
V
VOL
Output low voltage, ports 1, 2, 3, except P1.6, P1.7
IOL = 1.6mA6, 7
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN
IOL = 3.2mA6, 7
0.45
V
VOL2
Output low voltage, P1.6, P1.7
IOL = 3.0mA
0.4
V
VOH
Output high voltage, ports 1, 2, 3, ALE, PSEN8
IOH = –25µA
0.75VDD
V
IIL
Logical 0 input current, ports 1, 2, 3, except P1.6, P1.7
VIN = 0.45V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3, except P1.6, P1.7
See note 5
–650
µA
IL1
Input leakage current, port 0, EA, P1.6, P1.7
0.45V < VI < 4.7V
±10
µA
IDD
Power supply current:
Active mode @ 16MHz1, 9
VDD=5.5V
32.0
mA
Idle mode @ 16MHz2, 9
6
mA
Power down mode3, 4
50
µA
RRST
Internal reset pull-down resistor
40
225
k
Ω
CIO
Pin capacitance
15
pF
NOTES:
1. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 5ns;
VIL = VSS + 0.5V; VIH = VDD –0.5V; XTAL2 not connected; EA = RST = Port 0 = P1.6 = P1.7 = VDD.
2. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 5ns; VIL = VSS + 0.5V;
VIH = VDD –0.5V; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VDD; EA = RST = VSS.
3. The power-down current is measured with all output pins disconnected; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VDD;
EA = RST = VSS.
4. 2V
≤ VPD ≤ VDDmax.
5. Pins of ports 1 , 2, and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
6. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input.
7. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL = 10mA per port pin; Maximum
IOL = 26mA total for Port 0; Maximum IOL = 15mA total for Ports 1, 2, and 3; Maximum IOL = 71mA total for all output pins. If IOL exceeds the
test conditions, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions.
8. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VDD specification when the
address bits are stabilizing.
9. IDDMAX for other frequencies can be derived from Figure 1, where FREQ is the external oscillator frequency in MHz. IDDMAX is given in mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com