Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5234/FBA/YYY Datasheet(PDF) 6 Page - NXP Semiconductors

Part # OM5234/FBA/YYY
Description  CMOS single-chip 8-bit microcontrollers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5234/FBA/YYY Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button OM5234/FBA/YYY Datasheet HTML 2Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 3Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 4Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 5Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 6Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 7Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 8Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 9Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Preliminary specification
OM5234/OM5284
CMOS single-chip 8-bit microcontrollers
1996 Nov 01
6
40
30
20
10
0
04
8
12
16
(1) MAXIMUM OPERATING MODE: VDD = VDDmax
(2) MAXIMUM IDLE MODE: VDD = VDDmax
fXTAL1 (MHz)
IDD
(mA)
40
30
20
10
0
0
4
812
16
(2)
(1)
24
50
IDD
(mA)
fXTAL1 (MHz)
These values are valid within the specified frequency range.
(1) MAXIMUM OPERATING MODE: VDD = VDDmax
(2) MAXIMUM IDLE MODE: VDD = VDDmax
These values are valid within the specified frequency range.
(1)
(2)
SU00801
Figure 1. IDD vs. Frequency
AC ELECTRICAL CHARACTERISTICS1, 2
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
External Clock
tCHCX
2
High time3
20
20
tCLCL – tLOW
ns
tCLCX
2
Low time3
20
20
tCLCL – tHIGH
ns
tCLCH
2
Rise time3
20
20
ns
tCHCL
2
Fall time3
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. These values are characterized but not 100% production tested.
VCC–0.5
0.45V
0.2VCC+0.9
0.2VCC–0.1
NOTE:
AC inputs during testing are driven at VCC –0.5 for a logic ‘1’ and 0.45V for a logic ‘0’.
Timing measurements are made at VIH min for a logic ‘1’ and VIL max for a logic ‘0’.
SU00010
Figure 2. AC Testing Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com