Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5234/FBA/YYY Datasheet(PDF) 9 Page - NXP Semiconductors

Part # OM5234/FBA/YYY
Description  CMOS single-chip 8-bit microcontrollers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5234/FBA/YYY Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button OM5234/FBA/YYY Datasheet HTML 2Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 3Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 4Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 5Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 6Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 7Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 8Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 9Page - NXP Semiconductors OM5234/FBA/YYY Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Preliminary specification
OM5234/OM5284
CMOS single-chip 8-bit microcontrollers
1996 Nov 01
9
QFP44:
plastic quad flat package; 44 leads (lead length 1.3 mm); body 10 x 10 x 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com