Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5P Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TP5P
Description  Input voltage 100~240V AC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TP5P Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TP5P Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TP5P Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TP5P Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
General Features
Transformer type
SMPS
Input voltage
100~240V AC
Max. output
29V DC, 5A
Plug support
EU, USA, AUS, UK, JPN
Color
Black or grey
Certificate
UL, ACMA, PSE, SAA
Operational temperature range
+5°C~+45°C
Product Segments
• Comfort Motion
TP5P
series


Similar Part No. - TP5P

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP5P1CBKK12RA GREATECS-TP5P1CBKK12RA Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP5P1CBKK12RB GREATECS-TP5P1CBKK12RB Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP5P1CBKK12RC GREATECS-TP5P1CBKK12RC Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP5P1CBKK12SA GREATECS-TP5P1CBKK12SA Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP5P1CBKK12SB GREATECS-TP5P1CBKK12SB Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
More results

Similar Description - TP5P

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
AC Input 100-277Vac
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
Input voltage 100-240V AC
20231016-K
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
Input voltage 100~240V AC
20230919-J
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
Input voltage 100~240V AC
20170607-A
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
Input voltage 100~240V AC
20231219-E
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
Input voltage 100~240V AC
20211013-B
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
Input voltage 100~240V AC
20200603-D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com