Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2E Datasheet(PDF) 10 Page - International Rectifier

Part # IRPLDIM2E
Description  Digital Dimming DALI Ballast for 36W/T8 220V input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM2E Datasheet(HTML) 10 Page - International Rectifier

Back Button IRPLDIM2E Datasheet HTML 5Page - International Rectifier IRPLDIM2E Datasheet HTML 6Page - International Rectifier IRPLDIM2E Datasheet HTML 7Page - International Rectifier IRPLDIM2E Datasheet HTML 8Page - International Rectifier IRPLDIM2E Datasheet HTML 9Page - International Rectifier IRPLDIM2E Datasheet HTML 10Page - International Rectifier IRPLDIM2E Datasheet HTML 11Page - International Rectifier IRPLDIM2E Datasheet HTML 12Page - International Rectifier IRPLDIM2E Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.irf.com
IRPLDIM2E
Memory Type
Size
Used
%
Program
2181
1918
87.94%
Data
224
71
31.70%
EE Data
128
35
27.34%
CONCLUSION
International Rectifier and Microchip Technology Inc., jointly developed a solution for the digital dimming ballast. It
conforms to DALI standard requiring very few parts and operates at very low power. This is a good example of
merging digital technology with high voltage analog technology.
DISCLAIMER
The information provided herein is for suggestion only. It is your responsibility to ensure that your application
meets with your specifications. No representation of warranty is given or liability assumed by Microchip Technology,
Inc or International Rectifier either indirectly or with respect to the accuracy of such information on intellectual
property infringements.
References
[1] T. Ribarich, J. Ribarich, “A New Design Procedure for High-Frequency Ballast Design”, in IEEE-IAS Conf.
Rec., 1997, pp. 2334-2339
[2] T. Ribarich, J. Ribarich, “A New Control Method for Dimmable High Frequency Electronic Ballast”, in IEEE-
IAS Conf. Rec., 1998
[3] T. Ribarich, J. Ribarich, “A New High-Frequency Fluorescent Lamp Model”, in IEEE-IAS Conf. Rec., 1998
[4] International Rectifier, “IR21592/IR21593 Dimmable Ballast Controller IC”.
[5] International Rectifier, Reference Design IRPLDIM1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com