Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2E Datasheet(PDF) 1 Page - International Rectifier

Part # IRPLDIM2E
Description  Digital Dimming DALI Ballast for 36W/T8 220V input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM2E Datasheet(HTML) 1 Page - International Rectifier

  IRPLDIM2E Datasheet HTML 1Page - International Rectifier IRPLDIM2E Datasheet HTML 2Page - International Rectifier IRPLDIM2E Datasheet HTML 3Page - International Rectifier IRPLDIM2E Datasheet HTML 4Page - International Rectifier IRPLDIM2E Datasheet HTML 5Page - International Rectifier IRPLDIM2E Datasheet HTML 6Page - International Rectifier IRPLDIM2E Datasheet HTML 7Page - International Rectifier IRPLDIM2E Datasheet HTML 8Page - International Rectifier IRPLDIM2E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Digital Dimming DALI Ballast for 36W/T8 220V input
By
Cecilia Contenti and Tom Ribarich (International Rectifier)
and Ross Fosler (Microchip Technology, Inc.)
FEATURES
•
Lamp Type: 1X 36W T8 Lamp
•
Line Input: 185-265 VAC/50 Hz
•
Interface DALI (2 wires)
•
High Power Factor/ Low THD
•
High Frequency Operation
•
Programmable Lamp Filament Preheating
•
Programmable Ignition
•
High precision Digital Dimming
•
Logarithmic Dimming
•
Diagnostic and fault control
•
Lamp Fault Protection
•
Brownout Protection
•
IR21592 HVIC Ballast Controller
•
PIC16F628 Microcontroller
•
Optically Isolated Communications
•
Low power standby mode
INTRODUCTION
This reference design is a high efficiency, high power factor, digital dimming electronic ballast designed to drive
rapid start fluorescent lamp types. The design contains an active power factor correction circuit for universal
voltage input as well as a ballast control circuit using the IR21592. The design also includes a PIC16F628
microcontroller and an isolation circuit for connecting to a Digitally Addressable Lighting Interface (DALI). Other
features include EMI filtering, transient protection and lamp fault protection.
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245 USA
IRPLDIM2E rev.b


Similar Part No. - IRPLDIM2E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
International Rectifier
IRPLDIM2U IRF-IRPLDIM2U Datasheet
234Kb / 13P
Digital Dimming DALI Ballast for 32W/T8 110V input
More results

Similar Description - IRPLDIM2E

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
logo
International Rectifier
IRPLDIM2U IRF-IRPLDIM2U Datasheet
234Kb / 13P
Digital Dimming DALI Ballast for 32W/T8 110V input
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
ML4833 220V Non-Dimming Ballast Design
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
logo
Coilcraft lnc.
Z9264-B COILCRAFT-Z9264-B Datasheet
51Kb / 1P
Magnetics for IR Dimming Ballast IC
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
logo
Molex Electronics Ltd.
130190-0051 MOLEX11-130190-0051 Datasheet
38Kb / 1P
Ballast 15W T8 120V 50HZ
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com