Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2E Datasheet(PDF) 12 Page - International Rectifier

Part # IRPLDIM2E
Description  Digital Dimming DALI Ballast for 36W/T8 220V input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM2E Datasheet(HTML) 12 Page - International Rectifier

Back Button IRPLDIM2E Datasheet HTML 5Page - International Rectifier IRPLDIM2E Datasheet HTML 6Page - International Rectifier IRPLDIM2E Datasheet HTML 7Page - International Rectifier IRPLDIM2E Datasheet HTML 8Page - International Rectifier IRPLDIM2E Datasheet HTML 9Page - International Rectifier IRPLDIM2E Datasheet HTML 10Page - International Rectifier IRPLDIM2E Datasheet HTML 11Page - International Rectifier IRPLDIM2E Datasheet HTML 12Page - International Rectifier IRPLDIM2E Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
www.irf.com
IRPLDIM2E
Appendix B: Bill of Materials IRPLDIM2
IRPLDIM2E
Bill of Materials
Lamp Type: T8/36W
Line Input Voltage: 185 to 265 VAC
ITEM
Qty
Reference
Description
Manufacturer
PN
1
1
BR1
Bridge Rectifier, 1A, 1000V
IR
DF10S
2
3
C4, C5, CVDC
Capacitor, 0.47uF, SMT 1206
Panasonic
ECJ-3YB1E474K
3
1
CPH
Capacitor, 0.39uF, SMT 1206
Panasonic
4
1
C3
Capacitor, 0.01uF, SMT 1206
Panasonic
ECU-V1H103KBM
5
1
C1
Capacitor, 0.33uF, 275VAC
Roederstein
F1772433-2200
6
2
C2, C13
Capacitor, 0.1uF, 400VDC
Wima
MKP10
7
4
C7, C8, C11, C18
Capacitor, 0.1uF, SMT1206
Panasonic
ECJ-3VB1E104K
8
1
C15
Capacitor, 0.22uF, SMT1206
Panasonic
9
1
C6
Capacitor, 22uF, 450VDC,105C
Panasonic
10
1
C9
Capacitor, 4.7uF, 25VDC, 105C
Panasonic
EEU-FC1H4R7
11
1
C19
Capacitor, 10uF, 25VDC, 105C
Panasonic
12
1
C10
Capacitor, 100pF, SMT 1206
Panasonic
13
1
C16
Capacitor, 1nF, SMT 1206
Panasonic
14
1
C12
Capacitor, 1nF, 1KV, SMT 1812
Johanson
102S43W102KV4
15
1
C14
Capacitor, 10nF, 1600VDC
Panasonic
ECW-H16102JV
16
1
CVCO
Capacitor, 39nF, SMT 1206
17
1
C17
Capacitor, 1uF, SMT 1206
18
1
CY
Y-Capacitor
19
2
D4, D7
Diode, 1N4148, SMT DL35
Diodes
LL4148
20
2
D1, D8
Diode, 1N4148
Diodes
21
2
D2, D3
Diode, 1A 600V SMB
Digi-Key
MURS160DICT-ND
22
1
D5
12 V Zener SMT
Digi-Key
ZMM5242BDCT-
ND
23
1
D9
5.1 V Zener SMT
Digi-Key
ZMM5231BDCT-
ND
24
1
D6
5.6V Zener SMT
Digi-Key
ZMM5232BDCT
25
1
L1
EMI Inductor, 1x10mH, 0.7A
Panasonic
ELF-15N007A
26
1
L2
PFC Inductor, 2.0mH, 2.0Apk
Coilcraft
Z9264-B
27
1
L3
Inductor, 2.0mH, 2.0Apk
Coilcraft
Z9265-B
28
3
M1, M2, M3
Transistor Mosfet
IR
IRF820
29
1
R15
Resistor, 1K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ1KV
30
1
R33
Resistor, 470 Ohm, SMT 1206
Panasonic
31
1
RFMIN
Resistor, 39K Ohm, 1%, SMT
1206
Panasonic
32
5
RDIM, R12, R20, R35, R36
Resistor, 10K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ10KV
33
1
RIPH
Resistor, 20K Ohm , SMT 1206
Panasonic
34
1
R34
Resistor, 5.1K Ohm, SMT 1206
Panasonic
35
1
RVDC
Resistor, 27K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ27KV
36
1
RMIN
Resistor, 25.5K Ohm, 1%, SMT
1206
Panasonic
37
1
RMAX
Resistor, 36K Ohm, SMT1206
Panasonic
38
2
R1, R2
Resistor, 680KOhm, SMT 1206
Panasonic
ERJ-8GEYJ680KV
39
1
R3
Resistor, 7.5K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ7.5KV
40
1
R6
Resistor, 22K Ohm, SMT1206
Panasonic
ERJ-8GEY22KV
41
5
R7, R13, R14, R21, R24
Resistor, 22 Ohm, SMT 1206
Panasonic
ERJ-8GEY22V
42
3
R9, R16, R30
Resistor, 100KOhm, SMT 1206
Panasonic
ERJ-8GEY100KV
43
2
R10, R11
Resistor, 820KOhm, SMT 1206
Panasonic
ERJ-8GEY820KV
44
1
R17
Resistor, 1M Ohm, SMT1206
Panasonic
ERJ-8GEY1MV
45
1
R8
Resistor, 1 Ohm, 1/2 Watt
Yageo
1.0QBK
46
1
R18
Resistor, 0.68 Ohm , 1/2 Watt
Yageo
47
1
R19
R i
100K Oh
1/2 W
Y
ECW-H16103JV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com