Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2131 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 24Page - NXP Semiconductors PCA2131 Datasheet HTML 25Page - NXP Semiconductors PCA2131 Datasheet HTML 26Page - NXP Semiconductors PCA2131 Datasheet HTML 27Page - NXP Semiconductors PCA2131 Datasheet HTML 28Page - NXP Semiconductors PCA2131 Datasheet HTML 29Page - NXP Semiconductors PCA2131 Datasheet HTML 30Page - NXP Semiconductors PCA2131 Datasheet HTML 31Page - NXP Semiconductors PCA2131 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Bits labeled as T are unused and return 0 when read
Bit
Symbol
Value
Place value Description
4
0 to 1
ten’s place
3 to 0
HOURS
0 to 9
unit place
actual hours coded in BCD format when in 12-hour
mode
24-hour mode[1]
5 to 4
0 to 2
ten’s place
3 to 0
HOURS
0 to 9
unit place
actual hours coded in BCD format when in 24-hour
mode
Table 34. Hours - hours register (address 09h) bit description...continued
[1]
Hour mode is set by the bit 12_24 in register Control_1 (see Table 6).
7.9.5 Register Days
Bits labeled as T are unused and return 0 when read
Bit
7
6
5
4
3
2
1
0
Symbol
T
T
DAYS (1 to 31)
Reset
value
0
0
0
0
0
0
0
0
Table 35. Days - days register (address 0Ah) bit allocation
Bit
Symbol
Value
Place value Description
7 to 6
T
00
-
unused
5 to 4
0 to 3
ten’s place
3 to 0
DAYS[1]
0 to 9
unit place
actual day coded in BCD format
Table 36. Days - days register (address 0Ah) bit description
[1]
If the year counter contains a value which is exactly divisible by 4, excluding the year 00, the RTC compensates for leap years by adding a 29th day to
February. Note that next time the year will roll over to 00 will be year 2100, which is not going to be leap year.
7.9.6 Register Weekdays
Bits labeled as T are unused and return 0 when read
Bit
7
6
5
4
3
2
1
0
Symbol
T
T
T
T
T
WEEKDAYS (0 to 6)
Reset
value
0
0
0
0
0
0
0
1
Table 37. Weekdays - weekdays register (address 0Bh) bit allocation
Bits labeled as T are unused and return 0 when read
Bit
Symbol
Value
Description
7 to 3
T
000
unused
2 to 0
WEEKDAYS
0 to 6
actual weekday value, see Table 39
Table 38. Weekdays - weekdays register (address 0Bh) bit description
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
28 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com