Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2131 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 45Page - NXP Semiconductors PCA2131 Datasheet HTML 46Page - NXP Semiconductors PCA2131 Datasheet HTML 47Page - NXP Semiconductors PCA2131 Datasheet HTML 48Page - NXP Semiconductors PCA2131 Datasheet HTML 49Page - NXP Semiconductors PCA2131 Datasheet HTML 50Page - NXP Semiconductors PCA2131 Datasheet HTML 51Page - NXP Semiconductors PCA2131 Datasheet HTML 52Page - NXP Semiconductors PCA2131 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
prescaler can be set into a known state by using bit STOP and CPR. When bit STOP and CPR are logic 1, the
prescaler is reset to 0. STOP and CPR must be cleared before the prescaler can operate again.
From a stop condition, the first 1 second increment will take place after 8192 positive edges on pin CLKOUT.
Thereafter, every 8192 positive edges cause a 1 second increment. In 100 Hz mode, the first 100th of a second
increment will take place after 80 pulses on pin CLKOUT, and the first 1 second increment will take place after
8176 pulses on pin CLKOUT. Thereafter, every 8192 pulses cause a 1 second increment. The 100 Hz clock
is generated from a dithered state machine which runs on the 256 Hz clock, so the number of pulses for each
subsequent 100ths change is not constant. After the first 1 second increment the 25-bit dither pattern proceeds
as follows from left to right: 1101010101101010110101010
Where 1 == 96 CLKOUT pulses, and 0 == 64 CLKOUT pulses. This pattern repeats 4 times every second.In
the first second, after 80 clock pulses trigger the first 100th,the left pattern is 101010101101010110101010,
1101010101101010110101010, 1101010101101010110101010, 1101010101101010110101010, which means
96 pulses for 100ths == 2, then 64 pulses for 100ths == 3, 96 for 100ths == 4, and so on.
Remark: Entry into test mode is not synchronized to the internal 8192 Hz clock. When entering the test mode,
no assumption as to the state of the prescaler can be made.
Operating example:
1. Set CLKOUT = high-Z (register CLKOUT_ctl, COF[2:0] = 111).
2. Set EXT_TEST test mode (register Control_1, EXT_TEST is logic 1).
3. Set bit STOP (register Control_1, STOP is logic 1).
4. Set bit CPR (register SR_RESET, CPR is logic 1).
5. Set time registers to desired value.
6. Clear STOP (register Control_1, STOP is logic 0).
7. Apply 8192 clock pulses to CLKOUT.
8. Read time registers to see the first change.
9. Apply 8192 clock pulses to CLKOUT.
10. Read time registers to see the second change.
Repeat 7 and 8 for additional increments.
Operating example (100 Hz mode):
1. Set CLKOUT = high-Z (register CLKOUT_ctl, COF[2:0] = 111.
2. Set EXT_TEST test mode (register Control_1, EXT_TEST is logic 1).
3. Set bit STOP (register Control_1, STOP is logic 1).
4. Set bit CPR (register SR_RESET, CPR is logic 1).
5. Set time registers to desired value.
6. Clear STOP (register Control_1, STOP is logic 0).
7. Apply 80 clock pulses to CLKOUT.
8. Read hundredths registers to see the first change.
9. Apply 8096 clock pulses to CLKOUT (8096 + 80 = 8176 total pulses).
10. Read seconds registers to see the first change.
11. Apply the number of pulses needed for the current dither value.
12. Read the hundredths register to see subsequent changes.
13. Read the seconds register every 8192 pulses to see subsequent changes.
7.15 STOP bit function
The STOP bit stops the time from counting in both RTC mode and external clock test mode. STOP must be set
to unlock the time and date registers to set the time.
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
49 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com