Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2131 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 35Page - NXP Semiconductors PCA2131 Datasheet HTML 36Page - NXP Semiconductors PCA2131 Datasheet HTML 37Page - NXP Semiconductors PCA2131 Datasheet HTML 38Page - NXP Semiconductors PCA2131 Datasheet HTML 39Page - NXP Semiconductors PCA2131 Datasheet HTML 40Page - NXP Semiconductors PCA2131 Datasheet HTML 41Page - NXP Semiconductors PCA2131 Datasheet HTML 42Page - NXP Semiconductors PCA2131 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Bit
Register
7
6
5
4
3
2
1
0
Control_2
1
0
1
0
0
0[1]
0[1]
0
Table 62. Example to clear only AF (bit 4)
[1]
The bits labeled as - have to be rewritten with the previous values.
Bit
Register
7
6
5
4
3
2
1
0
Control_2
0
0
1
1
0
0[1]
0[1]
0
Table 63. Example to clear only MSF (bit 7)
[1]
The bits labeled as - have to be rewritten with the previous values.
7.12 Timestamp function
The PCA2131 has four active LOW timestamp input pins TS1, TS2, TS3 and TS4, internally pulled with on-chip
pull-up resistors to Voper(int). It also has a timestamp detection circuit which can detect the event when inputs on
pin TS1/2/3/4 are driven to ground.
The timestamp function is enabled by default after power-on and it can be switched off by setting the control bit
TSOFF (register Timestp_ctl1/2/3/4).
The time recorded in the time stamps, when in 100 Hz disable mode (1 Hz mode), will be at least two 16 Hz
clocks behind the timestamp event and no more than 3 clocks behind. If the exact time of the timestamp event
is required then subtract 2 subseconds from the timestamp value and the result will have -0 subseconds to +1
subseconds of uncertainty.
A most common application of the timestamp function is described in [1].
See Section 7.13.5 for a description of interrupt generation from the timestamp function.
7.12.1 Timestamp flag
1. When the TS1/2/3/4 input pin are driven to ground, the following sequence occurs:
a. The actual date and time are stored in the timestamp registers.
b. The timestamp flag TSF1/2/3/4 flag is set.
c. If the TSIE1/2/3/4 bit is active, and corresponding interrupt mask is disabled, an interrupt on the INTA/B
pin is generated.
The TSF1/2/3/4 and TSF1/2/3/4_2 flags can be cleared by command; clearing the flag clears the interrupt.
Once TSF1/2/3/4 is cleared, it will only be set again when TS1/2/3/4 pin is driven to ground once again.
7.12.2 Timestamp mode
The timestamp function has two different modes selected by the control bit TSM (timestamp mode) in register
Timestp_ctl:
• If TSM is logic 0 (default): in subsequent trigger events without clearing the timestamp flags, the last
timestamp event is stored
• If TSM is logic 1: in subsequent trigger events without clearing the timestamp flags, the first timestamp event
is stored
PCA2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
39 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com