Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT/AAZ Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF85063AT/AAZ
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AAZ Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF85063AT/AAZ Datasheet HTML 10Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 11Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 12Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 13Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 14Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 15Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 16Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 17Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Bit
Symbol
Value
Description
6 to 0
OFFSET[6:0]
see Table 12
offset value
Table 11. Offset - offset register (address 02h) bit description...continued
[1]
Default value.
For MODE = 0, each LSB introduces an offset of 4.34 ppm. For MODE = 1, each LSB introduces an offset of
4.069 ppm. The offset value is coded in two’s complement giving a range of +63 LSB to -64 LSB.
OFFSET[6:0]
Offset value in ppm
Offset value in decimal
Normal mode
MODE = 0
Fast mode
MODE = 1
011 1111
+63
+273.420
+256.347
011 1110
+62
+269.080
+252.278
:
:
:
:
000 0010
+2
+8.680
+8.138
000 0001
+1
+4.340
+4.069
000 0000[1]
0
0[1]
0[1]
111 1111
-1
-4.340
-4.069
111 1110
-2
-8.680
-8.138
:
:
:
:
100 0001
-63
-273.420
-256.347
100 0000
-64
-277.760
-260.416
Table 12. Offset values
[1]
Default value.
The correction is made by adding or subtracting clock correction pulses, thereby changing the period of a single
second but not by changing the oscillator frequency.
It is possible to monitor when correction pulses are applied. To enable correction interrupt generation, bit CIE
(register Control_1) has to be set logic 1. At every correction cycle, a pulse is generated on pin INT. The pulse
width depends on the correction mode. If multiple correction pulses are applied, an interrupt pulse is generated
for each correction pulse applied.
7.2.3.1 Correction when MODE = 0
The correction is triggered once every two hours and then correction pulses are applied once per minute until
the programmed correction values have been implemented.
Correction value
Update every nth hour
Minute
Correction pulses on INT
per minute[1]
+1 or -1
2
00
1
+2 or -2
2
00 and 01
1
+3 or -3
2
00, 01, and 02
1
:
:
:
:
Table 13. Correction pulses for MODE = 0
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
14 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com