Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT/AAZ Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF85063AT/AAZ
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AAZ Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF85063AT/AAZ Datasheet HTML 20Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 21Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 22Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 23Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 24Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 25Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 26Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 27Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Bit
Symbol
Value
Place value
Description
4
0[1] to 1
ten’s place
3 to 0
HOUR_ALARM
0[1] to 9
unit place
hour alarm information in 12-hour mode
coded in BCD format
24-hour mode[2]
5 to 4
0[1] to 2
ten’s place
3 to 0
HOUR_ALARM
0[1] to 9
unit place
hour alarm information in 24-hour mode
coded in BCD format
Table 30. Hour_alarm - hour alarm register (address 0Dh) bit description...continued
[1]
Default value.
[2]
Hour mode is set by the 12_24 bit in register Control_1.
7.5.4 Register Day_alarm
Bit
Symbol
Value
Place value
Description
day alarm
0
-
enabled
7
AEN_D
1[1]
-
disabled
6
-
0
-
unused
5 to 4
0[1] to 3
ten’s place
3 to 0
DAY_ALARM
0[1] to 9
unit place
day alarm information coded in BCD
format
Table 31. Day_alarm - day alarm register (address 0Eh) bit description
[1]
Default value.
7.5.5 Register Weekday_alarm
Bit
Symbol
Value
Description
weekday alarm
0
enabled
7
AEN_W
1[1]
disabled
6 to 3
-
0
unused
2 to 0
WEEKDAY_ALARM
0[1] to 6
weekday alarm information coded in BCD format
Table 32. Weekday_alarm - weekday alarm register (address 0Fh) bit description
[1]
Default value.
7.5.6 Alarm function
By clearing the alarm enable bit (AEN_x) of one or more of the alarm registers, the corresponding alarm
condition(s) are active. When an alarm occurs, AF is set logic 1. The asserted AF can be used to generate an
interrupt (INT). The AF is cleared by command.
The registers at addresses 0Bh through 0Fh contain alarm information. When one or more of these registers is
loaded with second, minute, hour, day or weekday, and its corresponding AEN_x is logic 0, then that information
is compared with the current second, minute, hour, day, and weekday. When all enabled comparisons first
match, the alarm flag (AF in register Control_2) is set logic 1.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
24 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com