Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT/AAZ Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF85063AT/AAZ
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AAZ Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF85063AT/AAZ Datasheet HTML 23Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 24Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 25Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 26Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 27Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 28Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 29Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 30Page - NXP Semiconductors PCF85063AT/AAZ Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
When the counter decrements from 1, the timer flag (bit TF in register Control_2) is set and the counter
automatically re-loads and starts the next timer period.
aaa-004434
03
xx
02
01
03
02
01
03
02
01
03
T
T
03
xx
countdown value, T
timer source clock
countdown counter
TE
TF
INT
duration of first timer period after
enable may range from T - 1 to T + 1
In this example, it is assumed that the timer flag is cleared before the next countdown period expires and that the pin INT is
set to pulsed mode.
Figure 17. General countdown timer behavior
If a new value of T is written before the end of the current timer period, then this value takes immediate effect.
NXP does not recommend changing T without first disabling the counter by setting bit TE logic 0. The update
of T is asynchronous to the timer clock. Therefore changing it without setting bit TE logic 0 may result in a
corrupted value loaded into the countdown counter. This results in an undetermined countdown period for the
first period. The countdown value T will, however, be correctly stored and correctly loaded on subsequent timer
periods.
When the TIE flag is set, an interrupt signal on INT is generated if this mode is enabled. See Section 7.2.2 for
details on how the interrupt can be controlled.
When starting the timer for the first time, the first period has an uncertainty. The uncertainty is a result of the
enable instruction being generated from the interface clock which is asynchronous from the timer source clock.
Subsequent timer periods do not have such delay. The amount of delay for the first timer period depends on the
chosen source clock, see Table 36.
Timer source clock
Minimum timer period
Maximum timer period
4.096 kHz
T
T + 1
64 Hz
T
T + 1
1 Hz
1⁄60 Hz
Table 36. First period delay for timer counter value T
At the end of every countdown, the timer sets the countdown timer flag (bit TF in register Control_2). Bit TF can
only be cleared by command. The asserted bit TF can be used to generate an interrupt at pin INT. The interrupt
may be generated as a pulsed signal every countdown period or as a permanently active signal which follows
the condition of bit TF. Bit TI_TP is used to control this mode selection and the interrupt output may be disabled
with bit TIE, see Table 34 and Figure 17.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
27 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com