Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD2 Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # ELD2
Description  ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELD2 Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Datasheet of ELD2 Series Drive
www.leadshine.com
2
Power & Environment
Drive model
ELD2-RS7030B
ELD2-CAN7030B
ELD2-RS7040B
ELD2-CAN7040B
ELD2-RS7060B
ELD2-CAN7060B
Size(mm)
175*101.5*33
194*103*41
194*103*41
Rated power(kW)
1.2
1.5
2.5
Rated output current(Arms)
30
40
60
Max output current(Apeak)
90
120
180
Main power
Voltage(V)
DC24V-70
Current(A)
30Arms (≤48Vdc)
21Arms(>48Vdc)
40Arms(≤48Vdc)
28Arms (>48Vdc)
60Arms(≤48Vdc)
42Arms (>48Vdc)
Auxiliary power
Voltage(V)
——
DC24V-70
Control power
Voltage(V)
DC12-24
Current(mA)
≥12
Control method
IGBT PWM sinusoidal Wave Drive
Overload
300%
Brake resistor
External connection
Safe function
——
STO
Protection rank
IP20
Communication & Connection
Type
ELD2-RS***
ELD2-CAN***
Pulse input
2 fast pulse input, 5V only
——
Analog input
1 analog input: -10V to +10V
——
Digital input/output
4programmable OC inputs, 24V
2 programmable OC outputs, 24V
Communication interface
RS485
CAN
Feedback Supported
1000, 2500lines incremental TTL encoder and Serial signal encoder
Matched Motors
Power Range
Up to 2.5kw
Voltage Range
24 - 70Vdc
Encoder Type
1000-Line, 2500 -Line, 17-Bit
Motor Size
40mm,42mm,57mm,60mm,80mm frame or other size
Other Requirements
Brake. oil-seal. protection level. Shaft & connector can be customized
Operating Environment
Servo Drive, Servo Motor Storage Circumstance Requirement
Item
ELD2 series drive
Temperature
-20-80℃
Humility
Under 90%RH (free from condensation)
Atmospheric environment
Indoor(no exposure)no corrosive gas or flammable gas, no oil or dust
Altitude
Lower than 1000m
Protection level
IP20(no protection)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com