Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD2 Datasheet(PDF) 6 Page - Leadshine Technology Co., Ltd.

Part # ELD2
Description  ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELD2 Datasheet(HTML) 6 Page - Leadshine Technology Co., Ltd.

  ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Datasheet of ELD2 Series Drive
www.leadshine.com
6
18
DO1
Output
Digital output signal 1 ,
(ALARM),24V, 8mA
19
DO2
Output
Digital output signal 2 ,
(Servo-Ready),24V, 8mA
20
COM_O
Output
Digital output signal commonality ground, 24V
Encoder Input Port
CN2
Pin
Signal
IO
Detail
CN2
1
SHIELD
Input
Ground terminal for shielded
2
HU
Input
Hall sensor U input
3
HW
Input
Hall sensor W input
4
HV
Input
Hall sensor V input
5
VCC
Input
+5V for encoder power supply
6
GND
Input
7
EZ+/D+
Input
Encoder channel Z+ put/
Serial encoder signal
8
EZ-/D-
Input
Encoder channel Z- input/
Serial encoder signal
9
EB+
Input
Encoder channel B+ input
10
EB-
Input
Encoder channel B- input
11
EA+
PE
Encoder channel A+ input
12
EA-
Input
Encoder channel A- input
Communication port
CN7
Pin
Detail
RS232
1
5V
2
TX
3
GND
4
RX
Bus connector- IN or OUT
BUS
Pin
Modbus(RS485)
CANopen
CANopen / Modbus(RS485)
1
485data+
CANH
3
485 data-
CANL
5
GND
GND
other
NC
NC
STO connector
STO
Pin
Detail
STO
1
GND
2
5V
3
STO 1-
4
STO 1+
5
STO 2-
6
STO 2+
7
EDM-
8
EDM+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com