Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD2 Datasheet(PDF) 7 Page - Leadshine Technology Co., Ltd.

Part # ELD2
Description  ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELD2 Datasheet(HTML) 7 Page - Leadshine Technology Co., Ltd.

  ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Datasheet of ELD2 Series Drive
www.leadshine.com
7
Auxiliary power
Auxiliary power
Pin
Detail
Auxiliary power
1
VCC+
2
GND
Rotary Code Switch—Modbus(RS485) / CANopen
RCS
NO.
Slave ID
NO.
Slave ID
S1
0
Modbus : Default Pr5.31=16
CANopen: Default Pr0.23=16
8
8
1
1
9
9
2
2
A
10
3
3
B
11
4
4
C
12
5
5
D
13
6
6
E
14
7
7
F
15
Dip Switch
Switch
Pin
Detail
SW
SW1
Modbus / CANopen baud rate:
SW1
SW2
Modbus Baud rate
CANopen Baud rate
off
off
Default Pr5.30=9600
Default
Pr0.24=1M
on
off
19200
500K
off
on
38400
250K
on
on
57600
125K
SW2
SW3
Bus terminal resistance:
ON: 120ohm
OFF: Null
SW4
Parameter
ELD2-RS****
SW4
Detail
Pr6.33=0
Rotation direction
off
CCW
on
CW
Pr6.33=8
Modbus slave ID MSB
off
0: Slave ID = RCS
on
1: Slave ID = 16 + RCS
Parameter
ELD2-CAN****
SW4
Detail
——
CANopen slave ID MSB
off
0: Slave ID = RCS
on
1: Slave ID = 16 + RCS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com