Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3063M. Datasheet(PDF) 4 Page - ON Semiconductor

Part # MOC3063M.
Description  6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3063M. Datasheet(HTML) 4 Page - ON Semiconductor

  MOC3063M. Datasheet HTML 1Page - ON Semiconductor MOC3063M. Datasheet HTML 2Page - ON Semiconductor MOC3063M. Datasheet HTML 3Page - ON Semiconductor MOC3063M. Datasheet HTML 4Page - ON Semiconductor MOC3063M. Datasheet HTML 5Page - ON Semiconductor MOC3063M. Datasheet HTML 6Page - ON Semiconductor MOC3063M. Datasheet HTML 7Page - ON Semiconductor MOC3063M. Datasheet HTML 8Page - ON Semiconductor MOC3063M. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MOC3061M, MOC3062M, MOC3063M, MOC3162M, MOC3163M
www.onsemi.com
4
TYPICAL PERFORMANCE CURVES
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1
10
100
Figure 1. LED Forward Voltage vs. Forward Current
Figure 2. Trigger Current Vs. Temperature
Figure 3. LED Current Required to Trigger vs.
LED Pulse Width
PWIN, LED TRIGGER PULSE WIDTH (ms)
TA, AMBIENT TEMPERATURE (°C)
0.1
1
10
100
−40
−20
0
20
40
60
80
0.1
1
10
100
1000
10000
Figure 4. Leakage Current, IDRM vs. Temperature
TA, AMBIENT TEMPERATURE (°C)
IF, LED FORWARD CURRENT (mA)
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
2
4
6
8
10
12
14
16
TA = −40°C
TA = 25°C
TA = 85°C
−40
−20
0
20
40
60
80
100
VTM = 3 V
NORMALIZED TO TA = 25°C
TA = 25°C
NORMALIZED TO PWIN >> 100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com