Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3063M. Datasheet(PDF) 5 Page - ON Semiconductor

Part # MOC3063M.
Description  6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3063M. Datasheet(HTML) 5 Page - ON Semiconductor

  MOC3063M. Datasheet HTML 1Page - ON Semiconductor MOC3063M. Datasheet HTML 2Page - ON Semiconductor MOC3063M. Datasheet HTML 3Page - ON Semiconductor MOC3063M. Datasheet HTML 4Page - ON Semiconductor MOC3063M. Datasheet HTML 5Page - ON Semiconductor MOC3063M. Datasheet HTML 6Page - ON Semiconductor MOC3063M. Datasheet HTML 7Page - ON Semiconductor MOC3063M. Datasheet HTML 8Page - ON Semiconductor MOC3063M. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOC3061M, MOC3062M, MOC3063M, MOC3162M, MOC3163M
www.onsemi.com
5
TYPICAL PERFORMANCE CURVES (Continued)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Figure 5. IDRM2, Leakage in Inhibit State vs.
Temperature
VTM, ON−STATE VOLTAGE (VOLTS)
Figure 6. On−State Characteristics
−40
−20
0
20
40
60
80
100
−40
−20
0
20
40
60
80
100
−40
−20
0
20
40
60
80
Figure 7. IH, Holding Current vs. Temperature
Figure 8. Inhibit Voltage vs. Temperature
100
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
NORMALIZED TO TA = 25°C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
200
400
600
800
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
−4
−3
0
1
2
3
4
−800
−600
−400
−200
−2
−1
TA = 25°C
IF = RATED IF
NORMALIZED TO TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com