Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3063M. Datasheet(PDF) 7 Page - ON Semiconductor

Part # MOC3063M.
Description  6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3063M. Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MOC3063M. Datasheet HTML 3Page - ON Semiconductor MOC3063M. Datasheet HTML 4Page - ON Semiconductor MOC3063M. Datasheet HTML 5Page - ON Semiconductor MOC3063M. Datasheet HTML 6Page - ON Semiconductor MOC3063M. Datasheet HTML 7Page - ON Semiconductor MOC3063M. Datasheet HTML 8Page - ON Semiconductor MOC3063M. Datasheet HTML 9Page - ON Semiconductor MOC3063M. Datasheet HTML 10Page - ON Semiconductor MOC3063M. Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOC3061M, MOC3062M, MOC3063M, MOC3162M, MOC3163M
www.onsemi.com
7
Time (seconds)
Time 25
°C to Peak
100
TL
ts
tL
tP
TP
Tsmax
Tsmin
120
Preheat Area
240
360
80
60
40
20
0
220
200
180
160
140
120
280
260
Max. Ramp−up Rate = 3
°C/S
Max. Ramp−down Rate = 6
°C/S
Temperature Minimum (Tsmin)
150
°C
Temperature Maximum (Tsmax)
200
°C
Time (tS) from (Tsmin to Tsmax)
60 seconds to 120 seconds
Ramp−up Rate (TL to TP)
3
°C/second maximum
Liquidous Temperature (TL)
217
°C
Time (tL) Maintained Above (TL)
60 seconds to 150 seconds
Peak Body Package Temperature
260
°C +0°C / –5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp−down Rate (TP to TL)
6
°C/second maximum
Time 25
°C to Peak Temperature
8 minutes maximum
Figure 11. Reflow Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com