Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P90CL301 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P90CL301
Description  Low voltage 16-bit microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CL301 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P90CL301 Datasheet HTML 9Page - NXP Semiconductors P90CL301 Datasheet HTML 10Page - NXP Semiconductors P90CL301 Datasheet HTML 11Page - NXP Semiconductors P90CL301 Datasheet HTML 12Page - NXP Semiconductors P90CL301 Datasheet HTML 13Page - NXP Semiconductors P90CL301 Datasheet HTML 14Page - NXP Semiconductors P90CL301 Datasheet HTML 15Page - NXP Semiconductors P90CL301 Datasheet HTML 16Page - NXP Semiconductors P90CL301 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
1996 Dec 11
13
Philips Semiconductors
Preliminary specification
Low voltage 16-bit microcontroller
P90CL301BFH (C100)
Table 15 Selection of prescaler divisor values
PCLK3
PCLK1
PCLK0
DIVISOR (D)
DIVISOR FOR UART IN MODE 0
000
2
6
001
3
6
010
4
6
0
1
1
5 (default value after a CPU reset)
6
101
6
12
110
8
12
1
1
1
10
12
6.5
Reset operation
The reset circuitry of the P90CL301BFH is connected to
the pins RESET, HALT, RESETIN and to the internal
Watchdog Timer. A Schmitt trigger is used at the input pin
for noise rejection. After Power-on a CPU reset is
accomplished by holding the RESET pin and the HALT pin
LOW for at least 50 oscillator clocks after the oscillator has
stabilized.
For further information on the clock generation, see
Section 6.6. The CPU responds by reading the reset
vectors; the long word at address 000000H is loaded into
the Supervisor stack and the long word data at address
000004H is loaded into the program counter PC. The
interrupt level is set to 7 in the Status Register and
execution starts at the PC location. By pulling the RESET
pin LOW and keeping HALT HIGH, only the peripherals
are reset.
When VDD is turned on and its rise time does not exceed
10 ms, an automatic reset can be performed by
connecting the RESETIN pin to VDD via an external
capacitor. The external capacitor is charged via an internal
pull-down resistor.
The RESET pin can also be pulled LOW internally by a
pull-down transistor activated by an overflow of the
Watchdog Timer. When the CPU executes a RESET
instruction, the RESET pin is pulled LOW. When the CPU
is internally halted (at double bus fault), the HALT pin is
pulled LOW and only a CPU reset can restart the
processor.
The internal signal RESET_AS (Reset Asynchronous)
resets the core and all registers.
When an internal Watchdog Timer overflow occurs, an
internal CPU reset is generated which resets all registers
except the SYSCON, PCON, PRL and PRH registers and
pulls the RESET pin LOW during 12 clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com