Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P90CL301 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P90CL301
Description  Low voltage 16-bit microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CL301 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P90CL301 Datasheet HTML 35Page - NXP Semiconductors P90CL301 Datasheet HTML 36Page - NXP Semiconductors P90CL301 Datasheet HTML 37Page - NXP Semiconductors P90CL301 Datasheet HTML 38Page - NXP Semiconductors P90CL301 Datasheet HTML 39Page - NXP Semiconductors P90CL301 Datasheet HTML 40Page - NXP Semiconductors P90CL301 Datasheet HTML 41Page - NXP Semiconductors P90CL301 Datasheet HTML 42Page - NXP Semiconductors P90CL301 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
1996 Dec 11
39
Philips Semiconductors
Preliminary specification
Low voltage 16-bit microcontroller
P90CL301BFH (C100)
12.1.2
UART CONTROL REGISTERS SCON0 AND SCON1
The registers SCON0 and SCON1 control UART0 and UART1 modes respectively, and contain the interrupt flags.
Table 49 UART Control Registers SCON0 and SCON1
Table 50 Description of register SCON0 and SCON1 bits
Table 51 Mode defined by bits SM0 and SM1
ADDRESS
REGISTER
7
6
5
4
3
2
1
0
FFFF 8603H
SCON0
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
FFFF 8607H
SCON1
BIT
SYMBOL
DESCRIPTION
7 to 6
SM0 to SM1 Mode bits; see Table 51.
5
SM2
Multiprocessor; enable the multiprocessor communication feature in Modes 2 and 3.
If SM2 is set the RI will not be activated if the received 9th data bit RB8 = 0. In Mode 1,
if SM2 is set the RI will not be activated if a valid stop bit is not received. In Mode 0,
SM2 should be a logic 0.
4
REN
Receive enable; enables serial reception; set and cleared by software.
3
TB8
Transmit extra bit; 9th data bit that will be transmitted in Modes 2 and 3; set and
cleared by software.
2
RB8
Receive extra bit; in Modes 2 and 3, RB8 is the 9th bit received. In Mode 1, if SM2 = 0,
RB8 is the stop bit which is received.
1TI
Transmit interrupt; it is set by hardware at the end of the 8th bit time in Mode 0, or
halfway through the stop bit in the other modes (except: see bit SM2). TI must be
cleared by software (cannot be set by software). By writing a logic 1 the flags stay
unchanged. In order to clear a particular flag one has to write a logic 0 to the
corresponding position and a logic 1 to the others. One should avoid to use the
instruction BCLR, which can reset accidentally several flags.
0RI
Receive interrupt; set by hardware at the end of the 8th bit time in Mode 0, or halfway
through the stop bit in the other modes (except: see SM2). RI must be cleared by
software (cannot be set by software). By writing a logic 1 the flags stay unchanged. In
order to clear a particular flag one has to write a logic 0 to the corresponding position
and a logic 1 to the others. One should avoid to use the instruction BCLR, which can
reset accidentally several flags.
SM0
SM1
MODE
DESCRIPTION
0
0
0
shift register; 1
⁄6 × CLK
0
1
1
8-bit UART; BGCLK0 and BGCLK1
1
0
2
9-bit UART; 1
⁄16 × CLK
1
1
3
9-bit UART; BGCLK0 and BGCLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com