Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P90CL301 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P90CL301
Description  Low voltage 16-bit microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CL301 Datasheet(HTML) 3 Page - NXP Semiconductors

  P90CL301 Datasheet HTML 1Page - NXP Semiconductors P90CL301 Datasheet HTML 2Page - NXP Semiconductors P90CL301 Datasheet HTML 3Page - NXP Semiconductors P90CL301 Datasheet HTML 4Page - NXP Semiconductors P90CL301 Datasheet HTML 5Page - NXP Semiconductors P90CL301 Datasheet HTML 6Page - NXP Semiconductors P90CL301 Datasheet HTML 7Page - NXP Semiconductors P90CL301 Datasheet HTML 8Page - NXP Semiconductors P90CL301 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
1996 Dec 11
3
Philips Semiconductors
Preliminary specification
Low voltage 16-bit microcontroller
P90CL301BFH (C100)
1
FEATURES
• Fully 68000 software compatible
• Static design with 32-bit internal structure
• Power saving modes: Power-down, Standby and Idle
mode
• External clock input: 27 MHz at 2.7 V
• Single supply voltage of 2.7 to 3.6 V; down to 1.8 V for
RAM retention
• 68000 compatible bus interface
• Intel 8051 compatible bus interface
• 16 Mbytes program/data address range
• 8 programmable chip-selects
• Dynamic bus sizing, 16 or 8-bit memory bus port size
• 56 powerful instruction types:
– 5 basic data types, and
– 14 addressing modes
• 7 programmable interrupt inputs:
– a Non-Maskable Interrupt input (NMIN)
– 14 auto-vectored interrupts and 7 interrupt priority
levels
• 24 port pins (multiplexed with other functions)
• 2 UART serial interfaces; an independent baud rate
generator with two programmable outputs (UART0 and
UART1)
• UART queue with maximum 256 bytes
• I2C-bus serial interface 100 kbaud
• 2 timer arrays including:
– two 16-bit reference counters and 8-bit
programmable prescalers
– six 16-bit match/capture registers with equality
comparators
• Watchdog Timer with 21-bit resolution
• Two 8-bit Pulse Width Modulation (PWM) outputs with
8-bit prescaler
• Four 8-bit Analog-to-Digital Converter (ADC) inputs with
Power-down mode
• 512 bytes RAM on-chip
• On-Circuit Emulation (ONCE) mode and internal
Test-ROM (256 bytes) for on-board testing
• 80-pin LQFP package
• Temperature range −40 to +85 °C
• 0.5 micron CMOS low voltage technology.
2
DESCRIPTION
The P90CL301BFH is a highly integrated low-voltage
16/32-bit microcontroller especially suitable for digital
mobile systems such as GSM, DCS1900, IS54/95 and
other applications requiring low voltage, low power
consumption and high computing power. It is fully software
compatible with the 68000.
The P90CL301BFH optimizes system cost by providing
both standard as well as advanced peripheral functions
on-chip. The P90CL301BFH has a full static design and
special Idle, Standby and Power-down modes which allow
further reduction of the total system power consumption.
An 80-pin LQFP package dramatically reduces system
size requirements.
2.1
Compatibility between P90CL301AFH and
P90CL301BFH
For functional compatibility between P90CL301AFH
(SAC1 process) and P90CL301BFH (C100 process), the
following points should be considered when using the
P90CL301BFH:
• Wake-up; to wake-up the processor from Power-down
mode via the activation of an external SPn pin, it is
necessary to enable the interrupt mode first by setting
the corresponding bit in the SPCON register.
• SYSCON register; for the P90CL301AFH bits 11 to 15
in the SYSCON register should not be set in order to
keep additional functionality in the P90CL301BFH
inactive.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE (
°C)
NAME
DESCRIPTION
VERSION
P90CL301BFH
LQFP80
plastic low profile quad flat package; 80 leads;
body 12
× 12 × 1.4 mm
SOT315-1
−40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com