Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083PIZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X5083PIZ
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083PIZ Datasheet(HTML) 1 Page - Intersil Corporation

  X5083PIZ Datasheet HTML 1Page - Intersil Corporation X5083PIZ Datasheet HTML 2Page - Intersil Corporation X5083PIZ Datasheet HTML 3Page - Intersil Corporation X5083PIZ Datasheet HTML 4Page - Intersil Corporation X5083PIZ Datasheet HTML 5Page - Intersil Corporation X5083PIZ Datasheet HTML 6Page - Intersil Corporation X5083PIZ Datasheet HTML 7Page - Intersil Corporation X5083PIZ Datasheet HTML 8Page - Intersil Corporation X5083PIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8127.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X5083
CPU Supervisor with 8Kbit SPI EEPROM
This device combines four popular functions, Power-on Reset
Control, Watchdog Timer, Supply Voltage Supervision, and
Block Lock Serial EEPROM Memory in one package. This
combination lowers system cost, reduces board space
requirements, and increases reliability.
Applying power to the device activates the power-on reset
circuit which holds RESET active for a period of time. This
allows the power supply and oscillator to stabilize before the
processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller fails to
restart a timer within a selectable time out interval, the device
activates the RESET signal. The user selects the interval
from three preset values. Once selected, the interval does
not change, even after cycling the power.
The device’s low VCC detection circuitry protects the user’s
system from low voltage conditions, resetting the system
when VCC falls below the minimum VCC trip point. RESET is
asserted until VCC returns to the proper operating level and
stabilizes. Five industry standard VTRIP thresholds are
available, however, Intersil’s unique circuits allow the threshold
to be reprogrammed to meet custom requirements or to fine-
tune the threshold for applications requiring higher precision.
Pinouts
8 LD TSSOP
8 LD SOIC, 8 LD PDIP
Features
•Low VCC detection and reset assertion
- Four standard reset threshold voltages
4.63V, 4.38V, 2.93V, 2.63V
- Re-program low VCC reset threshold voltage using
special programming sequence
- Reset signal valid to VCC = 1V
• Selectable time out watchdog timer
• Long battery life with low power consumption
- <50µA max standby current, watchdog on
- <1µA max standby current, watchdog off
- <400µA max active current during read
• 8Kbits of EEPROM
• Save critical data with Block Lock™ memory
- Block lock first or last page, any 1/4 or lower 1/2 of
EEPROM array
• Built-in inadvertent write protection
- Write enable latch
- Write protect pin
• SPI Interface - 3.3MHz clock rate
• Minimize programming time
- 16 byte page write mode
- 5ms write cycle time (typical)
• SPI modes (0,0 & 1,1)
• Available packages
- 8 Ld TSSOP, 8 Ld SOIC, 8 Ld PDIP
• Pb-free plus anneal available (RoHS compliant)
Applications
• Communications Equipment
- Routers, Hubs, Switches
- Set Top Boxes
• Industrial Systems
- Process Control
- Intelligent Instrumentation
• Computer Systems
- Desktop Computers
- Network Servers
• Battery Powered Equipment
SCK
SI
VSS
WP
VCC
CS/WDI
SO
1
2
3
4
8
7
6
5
X5083
RESET
X5083
CS/WDI
WP
SO
1
2
3
4
RESET
8
7
6
5
VCC
VSS
SCK
SI
Data Sheet
June 15, 2006


Similar Part No. - X5083PIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5083PIZ-4.5A RENESAS-X5083PIZ-4.5A Datasheet
853Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
More results

Similar Description - X5083PIZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
X5645 XICOR-X5645 Datasheet
117Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
CPU Supervisor with 16Kbit SPI EEPROM
September 16, 2005
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
CPU Supervisor with 32kBit SPI EEPROM
June 30, 2008
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
logo
Renesas Technology Corp
X5083 RENESAS-X5083 Datasheet
853Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com