Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083PIZ Datasheet(PDF) 18 Page - Intersil Corporation

Part # X5083PIZ
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083PIZ Datasheet(HTML) 18 Page - Intersil Corporation

Back Button X5083PIZ Datasheet HTML 13Page - Intersil Corporation X5083PIZ Datasheet HTML 14Page - Intersil Corporation X5083PIZ Datasheet HTML 15Page - Intersil Corporation X5083PIZ Datasheet HTML 16Page - Intersil Corporation X5083PIZ Datasheet HTML 17Page - Intersil Corporation X5083PIZ Datasheet HTML 18Page - Intersil Corporation X5083PIZ Datasheet HTML 19Page - Intersil Corporation X5083PIZ Datasheet HTML 20Page - Intersil Corporation X5083PIZ Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
FN8127.3
June 15, 2006
VTRIP Programming Timing Diagram
SCK
SI
CS
0001h (set)
VCC
(VTRIP)
VPE
tTSU
tTHD
tVPH
tVPS
VP
VTRIP
tRP
tVPO
tPCS
02h
06h
0003h (reset)
WREN
Write
Addr.
00
Data
VTRIP Programming Parameters
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
tVPS
VTRIP program enable voltage setup time
1
µs
tVPH
VTRIP program enable voltage hold time
1
µs
tPCS
VTRIP programming CS inactive time
1
µs
tTSU
VTRIP setup time
1µs
tTHD
VTRIP hold (stable) time
10
ms
tWC
VTRIP write cycle time
10
ms
tVPO
VTRIP program enable voltage off time (between successive adjustments)
0
µs
tRP
VTRIP program recovery period (between successive adjustments)
10
ms
VP
Programming voltage
15
18
V
VTRAN
VTRIP programmed voltage range
2.0
5.0
V
Vtv
VTRIP program variation after programming (0-75°C). (programmed at 25°C)
-25
+25
mV
NOTES:
7. VTRIP programming parameters are periodically sampled and are not 100% tested.
8. For custom VTRIP settings, Contact Factory.
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com