Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083PIZ Datasheet(PDF) 17 Page - Intersil Corporation

Part # X5083PIZ
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083PIZ Datasheet(HTML) 17 Page - Intersil Corporation

Back Button X5083PIZ Datasheet HTML 13Page - Intersil Corporation X5083PIZ Datasheet HTML 14Page - Intersil Corporation X5083PIZ Datasheet HTML 15Page - Intersil Corporation X5083PIZ Datasheet HTML 16Page - Intersil Corporation X5083PIZ Datasheet HTML 17Page - Intersil Corporation X5083PIZ Datasheet HTML 18Page - Intersil Corporation X5083PIZ Datasheet HTML 19Page - Intersil Corporation X5083PIZ Datasheet HTML 20Page - Intersil Corporation X5083PIZ Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
FN8127.3
June 15, 2006
CS vs. RESET Timing
RESET Output Timing
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VTRIP
Reset trip point voltage, X5083PT-4.5A (Note 6)
Reset trip point voltage, X5083PT
Reset trip point voltage, X5083PT-2.7A
Reset trip point voltage, X5083PT-2.7
4.5
4.25
2.85
2.55
4.63
4.38
2.93
2.63
4.75
4.5
3.00
2.7
V
tPURST
Power-up reset time out
100
200
280
ms
tRPD (Note 5)
VCC detect to reset/output
500
ns
tF (Note 5)
VCC fall time
0.1
ns
tR (Note 5)
VCC rise time
0.1
ns
VRVALID
Reset valid VCC
1V
NOTES:
5. This parameter is periodically sampled and not 100% tested.
6. PT = Package/Temperature
CS
tCST
RESET
tWDO
tRST
tWDO
tRST
RESET Output Timing
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tWDO
Watchdog time out period,
WD1 = 1, WD0 = 1(default)
WD1 = 1, WD0 = 0
WD1 = 0, WD0 = 1
WD1 = 0, WD0 = 0
100
450
1
OFF
200
600
1.4
300
800
2
ms
ms
sec
tCST
CS pulse width to reset the watchdog
400
ns
tRST
Reset time out
100
200
300
ms
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com