Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC90 Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 9Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 10Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 11Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 12Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 13Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 14Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 15Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 16Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 17Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Liquiline Control CDC90
Endress+Hauser
13
Output
Output signal
• Analog outputs, on the Base-E module, active in the CDC90 control unit
• Digital outputs, on the External Remote IO, DIO, active in the pneumatic control unit
Analog outputs, active in
CDC90 control unit
Signal on alarm
Adjustable, as per NAMUR Recommendation NE 43
• In measuring range 0 to 20 mA:
failure current from 20 to 23 mA
• In measuring range 4 to 20 mA:
failure current from 2.4 to 23 mA
• Factory setting for failure current for both measuring ranges:
22.5 mA
The failure current of 22.5 mA represents "Failure-category" alarms of the transmitter. More detailed
information is available in the Operating Instructions for the transmitter.
In addition, a failure current of 10 mA represents "Failure-category" alarms of the overall system.
More detailed information is available in the Special Documentation on Analog Communication.
SD02527C
Load
Max. 500 Ω
Linearization/transmission behavior
Linear
Electrical specification
• Passive
• Open collector, max. 30 V, 15 mA
• Maximum voltage drop 3 V
PFM function
Minimum pulse width: 500 µs (1 kHz)
Digital outputs, active in
pneumatic control unit
Electrical specification
• Outputs:16
• Max. current: 0.5 A per output
• Total current: max. 8A
Cable specification
Max. 2.5 mm2 (14 AWG)
Protocol-specific data
IPC output signals
Modbus TCP
EtherNet/IP (via
gateway)
PROFIBUS DP
(via gateway)
PROFINET (via
gateway)
Signal encoding
IEEE 802.3 (Ethernet) IEEE 802.3
(Ethernet)
PROFIBUS-DP-
compliant as per
IEC 61158
IEEE 802.3
(Ethernet), IEC
61131-3-Code
Data transmission rate 10 / 100 Mbit/s
10 / 100 Mbit/s
9.6 kBit/s - 12
MBit/s autodetect
10 / 100 Mbit/s
Galvanic isolation
Yes
Yes
Yes
Yes
Connection
M12
See gateway
See gateway
See gateway
IP address
192.168.0.1
192.168.0.6
192.168.0.5
192.168.0.7
Address
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com