Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC90 Datasheet(PDF) 21 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 21 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 17Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 18Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 19Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 20Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 21Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 22Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 23Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 24Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 25Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Liquiline Control CDC90
Endress+Hauser
21
Device
Material
Pneumatic control unit
Housing
Stainless steel 1.4301 (AISI 304), painted steel
Housing seals
EPDM (ethylene propylene diene rubber)
Cable glands
PA (polyamide) V0 as per UL94
Housing seals
EPDM
Pump canister unit
Pump
PVDF+CF/PP/NBR+PTFE/PTFE/PP
Canister
PE
Float switch
PVC/EPDM/PE
Canister fitting
ABS/PMMA
Bracket M5 L110*B40 W8
PP
O-ring
EPDM
Coupling DMG/8*6 1/4
PVDF
Canister shelf
PP
Rinsing block
Process valve
EPDM/PP/stainless steel:1.4408/PTFE
Rinsing body
PVDF/1.4401
Rinse connection
PP
Check valves
PVDF+FKM/PVDF+FFKM/1.4571+FKM
Bracket, metal plate
1.4571
Bracket, clamp
1.4404
Hose bracket/cable gland
PA
Sealing plug
Teflon
Double nipple
PVDF
O-ring
FKM/FFKM
Hoses
Compressed air
PUN-A
Liquid
PUN-A+/PTFE
Hose specification
Medium hoses
Max. 6 bar (87 psi)
Compressed air hoses
Pressure ratings of pilot valve manifold:
Max. 10 bar (145 psi)
Pressure switch:
Max. 12 bar (174 psi)
Pump
Vacuum pump:
Max. 8 bar (116 psi)( (8 bar corresponds to 8 l/min delivery rate, depending on the control air)
Pipes:
Max. 10 bar (145 psi)
Connections
Water connection
Size
Water connection, rinsing block
Hose barb D12 PP for hoses with internal diameter 12 mm (0.47 in)
Assembly inlet and outlet
Hose coupling D6/8 mm (0.24/0.31 in) PVDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com