Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC90 Datasheet(PDF) 29 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 29 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 24Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 25Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 26Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 27Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 28Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 29Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 30Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 31Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 32Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Liquiline Control CDC90
Endress+Hauser
29
Additional functionality
Hardware extension modules
Kit, extension module DIO
• 2 x digital input
• 2 x digital output
• Auxiliary voltage supply for digital output
• Order number: 71135638
Kit, extension module 4AO
• 4 x analog output 0/4 to 20 mA
• Order number: 71135633
Other accessories
Cables
Memosens data cable CYK10
• For digital sensors with Memosens technology
• Product Configurator on the product page: www.endress.com/cyk10
Technical Information TI00118C
Storage options
• Industrial Flash Drive, 1 GB
• Order number: 71110815
CDC90 USB stick kit
• 64 GB
• Order No. 71518248
Cable glands
Kit CM44x: gland M
• Set, 6 pieces
• Order number: 71101768
Kit CM44x: gland NPT
• Set, 6 pieces
• Order number: 71101770
Kit CM44x: gland G
• Set, 6 pieces
• Order number: 71101771
Kit CM44x: dummy plug for cable gland
• Set, 6 pieces
• Order number: 71104942
M12 built-in socket and cable junction with Velcro strip
CM442/CM444/CM448/CSF48 kit: M12 built-in socket for digital sensors
• Pre-terminated
• Order number: 71107456
CM442/CM444/CM448/CSF48 kit: M12 built-in socket for Ethernet
• Only for devices with BASE-E module
• D-coded, pre-terminated
• Order number: 71140893
CDC90 Ethernet cable kit, M12-RJ45 90°
For devices with BASE2-E module:
Order number: 71518244
Kit: external CDI socket, complete
• Retrofit kit for CDI interface, with terminated connecting cables
• Order number: 51517507
Cable junction with Velcro strip
• 4 pieces, for sensor cable
• Order number: 71092051
Graphic display
• For installation in the control cabinet door or panel
• Order number: 71185295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com