Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR440. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLDR440.
Description  High Intensity LED, ∅ 3 mm Tinted Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR440. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLDR440. Datasheet HTML 1Page - Vishay Siliconix TLDR440. Datasheet HTML 2Page - Vishay Siliconix TLDR440. Datasheet HTML 3Page - Vishay Siliconix TLDR440. Datasheet HTML 4Page - Vishay Siliconix TLDR440. Datasheet HTML 5Page - Vishay Siliconix TLDR440. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
TLDR440.
Document Number 83001
Rev. 1.4, 30-Aug-04
Vishay Semiconductors
www.vishay.com
1
e3 Pb
Pb-free
19220
High Intensity LED,
∅ 3 mm Tinted Diffused
Description
This LED contains the double heterojunction (DH)
GaAlAs on GaAs technology.
This deep red LED can be utilized over a wide range
of drive current. It can be DC or pulse driven to
achieve desired light output.
The device is available in a 3 mm tinted diffused pack-
age.
Features
• Exceptional brightness
• Very high intensity even at low drive currents
• Wide viewing angle
• Low forward voltage
• 3 mm (T-1) tinted diffused package
• Deep red color
• Categorized for luminous intensity
• Outstanding material efficiency
• Lead-free device
Applications
Bright ambient lighting conditions
Battery powered equipment
Indoor and outdoor information displays
Portable equipment
Telecommunication indicators
General use
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLDR440.
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLDR4400
Red,IV > 25 mcd
40 °
GaAIAs on GaAs
TLDR4401
Red, IV = (25 to 50) mcd
40 °
GaAIAs on GaAs
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
DC Forward current
Tamb ≤ 60 °C
IF
50
mA
Surge forward current
tp ≤ 10 µsIFSM
1A
Power dissipation
Tamb ≤ 60 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
400
K/W


Similar Part No. - TLDR440.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4400 VISHAY-TLDR4400 Datasheet
74Kb / 5P
High Intensity LED, 3 mm Tinted Diffused
04-Feb-99
TLDR4400 VISHAY-TLDR4400 Datasheet
104Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
11-Dec-13
TLDR4400 VISHAY-TLDR4400 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLDR4400 VISHAY-TLDR4400 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLDR4400 VISHAY-TLDR4400_V01 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
More results

Similar Description - TLDR440.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4400 VISHAY-TLDR4400 Datasheet
74Kb / 5P
High Intensity LED, 3 mm Tinted Diffused
04-Feb-99
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
High Intensity LED, 5 mm Tinted Diffused
30-Aug-04
TLHE4400 VISHAY-TLHE4400 Datasheet
70Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHE4600 VISHAY-TLHE4600 Datasheet
70Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHF4600 VISHAY-TLHF4600 Datasheet
70Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHK4400 VISHAY-TLHK4400 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
03-Apr-99
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
03-Apr-99
TLHK4600 VISHAY-TLHK4600_04 Datasheet
169Kb / 6P
High Intensity LED in ∅ 3 mm Tinted Diffused Package
31-Aug-04
TLDR4400 VISHAY-TLDR4400_V01 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4400 VISHAY-TLHF4400_V01 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com